| データシートサーチシステム |
|
MFPROT_LP データシート(PDF) 28 Page - rfsolutions.ltd |
|
|
|||||||||||||||||||||||||||||
MFPROT_LP データシート(HTML) 28 Page - rfsolutions.ltd |
|
28 / 35 page ![]() ib technology 28 Note that with each memory access the internal logic of the Mifare transponder verifies the format of the access conditions. If it detects a format error then the entire sector is irreversibly locked. Since the access bits themselves can be blocked for read/write operations, care must be taken when cards are being personalised for a particular application or service provider. Access Bits Block Affected within a sector (1k card and lower half of 4k card) (Upper half of 4k card) C10 C20 C30 Block 0 (Data Block) Blocks 0-4 (Data Blocks) C11 C21 C31 Block 1 (Data Block) Blocks 5-9 (Data Blocks) C12 C22 C32 Block 2 (Data Block) Blocks 10-14 (Data Blocks) C13 C23 C33 Block 3 (Sector Trailer) Block 15 (Sector Trailer) Note that the Access Conditions for individual blocks can be set on 1k cards and for lower half of 4k card memory. However for the upper half of 4k cards the Access conditions are set for groups of five blocks (except for Sector Trailer Block which is still individually set). Access Conditions The C1, C2, C3 access bits are stored in a specific non-inverted and inverted pattern in the sector trailer of the particular sector. These bits control the Access Conditions for every data block and sector trailer block. Sector Trailer Block Byte: 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Bit 7 6 5 4 3 2 1 0 Byte 6 C23 C22 C21 C20 C13 C12 C11 C10 Byte 7 C13 C12 C11 C10 C33 C32 C31 C30 Byte 8 C33 C32 C31 C30 C23 C22 C21 C20 Byte 9 ( not used ) Cxy = Inverted bit Transport settings (factory defaults) Byte 6 (1 1 1 1 1 1 1 1) = 0xFF Byte 7 0 0 0 0 0 1 1 1) = 0x07 Byte 8 1 0 0 0 0 0 0 0) = 0x80 Byte 9 ( not used ) KeyA (6 bytes) Access Bits KeyB (optional) |