データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MFPROT_LP データシート(PDF) 10 Page - rfsolutions.ltd

部品番号 MFPROT_LP
部品情報  Micro RWD MF Mifare Low Power Version
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFSOLUTIONS [rfsolutions.ltd]
ホームページ  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

MFPROT_LP データシート(HTML) 10 Page - rfsolutions.ltd

Back Button MFPROT_LP Datasheet HTML 6Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 7Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 8Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 9Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 10Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 11Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 12Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 13Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 14Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
ib technology
10
Card STATUS
Command to return card status.
The acknowledge byte flags indicate general Mifare card status.
B7
B0
Command:
0 1 0 1 0 0 1 1
(Ascii “S”, 0x53)
Acknowledge:
1 F F F F F F X
(F = Status flags)
Program EEPROM
The Micro RWD has some internal EEPROM for storing system parameters such as polling
rate and authorised identity codes (serial numbers). This command sequence allows individual
bytes of the EEPROM to be programmed with new data. The data is internally read back after
programming to verify successful operation. Note that due to the fundamental nature of these
system parameters, incorrect data may render the system temporarily inoperable.
B7
B0
Command:
0 1 0 1 0 0 0 0
(Ascii “P”, 0x50)
Argument1:
N N N N N N N N
(N = EEPROM memory location 0 - 255)
Argument2:
D D D D D D D D
(D = data to write to EEPROM)
Acknowledge:
1 X X X F X X F
(F = Status flags)
Internal EEPROM memory map
Polling delay parameter values (EEPROM location 0):
Parameter 0 value
Polling Delay
SLEEP Period
0x00
0 mS
0x10
8 mS
0x20
16 mS
0x30
32 mS
0x40
65 mS
0x50
132 mS
0x60
262 mS
0x70
524 mS
0x80
1 second
0x90
2 seconds
0xA0
4 seconds
0xB0
8 seconds
Polling delay can be set from 0 to 8 seconds to give complete control over current
consumption and battery life. Note that setting Polling delay = 0x00 skips the SLEEP and
power-down operation so polling is as fast as possible (and current consumption is highest).
(SLEEP and power-down is skipped)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35