| データシートサーチシステム |
|
41594B データシート(PDF) 246 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
41594B データシート(HTML) 246 Page - Microchip Technology |
|
246 / 372 page ![]() SDA SCL SSP1IF BF (SSP1STAT<0>) SEN A7 A6 A5 A4 A3 A2 A1 ACK = 0 D7 D6 D5 D4 D3 D2 D1 D0 ACK Transmitting Data or Second Half R/W = 0 Transmit Address to Slave 1 2 3 4 56 7 8 9 1 2 3 4 5 67 8 9 P Cleared by software service routine SSP1BUF is written by software from SSP1 interrupt After Start condition, SEN cleared by hardware S SSP1BUF written with 7-bit address and R/W start transmit SCL held low while CPU responds to SSP1IF SEN = 0 of 10-bit Address Write SSP1CON2<0> SEN = 1 Start condition begins From slave, clear ACKSTAT bit SSP1CON2<6> ACKSTAT in SSP1CON2 = 1 Cleared by software SSP1BUF written PEN R/W Cleared by software |