データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

41594B データシート(PDF) 9 Page - Microchip Technology

部品番号 41594B
部品情報  8-Bit Flash Microcontroller with nanoWatt XLP Technology
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

41594B データシート(HTML) 9 Page - Microchip Technology

Back Button 41594B Datasheet HTML 5Page - Microchip Technology 41594B Datasheet HTML 6Page - Microchip Technology 41594B Datasheet HTML 7Page - Microchip Technology 41594B Datasheet HTML 8Page - Microchip Technology 41594B Datasheet HTML 9Page - Microchip Technology 41594B Datasheet HTML 10Page - Microchip Technology 41594B Datasheet HTML 11Page - Microchip Technology 41594B Datasheet HTML 12Page - Microchip Technology 41594B Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 372 page
background image
 2011-2012 Microchip Technology Inc.
Preliminary
DS41594B-page 9
PIC12LF1840T48A
1.0
DEVICE OVERVIEW
The PIC12LF1840T48A device is described within this
data sheet. It is available in 14-pin packages. Figure 1-1
shows a block diagram of the PIC12LF1840T48A device.
Table 1-2 shows the pinout descriptions.
Reference Table 1-1 for peripherals available per
device.
TABLE 1-1:
DEVICE PERIPHERAL
SUMMARY
Peripheral
ADC
●
Capacitive Sensing (CPS) Module
●
Data EEPROM
●
Digital-to-Analog Converter (DAC)
●
Digital Signal Modulator (DSM)
●
EUSART
●
Fixed Voltage Reference (FVR)
●
SR Latch
●
Capture/Compare/PWM Modules
ECCP1
●
Comparators
C1
●
Master Synchronous Serial Ports
MSSP
●
Timers
Timer0
●
Timer1
●
Timer2
●