| データシートサーチシステム |
|
41594B データシート(PDF) 267 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
41594B データシート(HTML) 267 Page - Microchip Technology |
|
267 / 372 page ![]() 2011-2012 Microchip Technology Inc. Preliminary DS41594B-page 267 PIC12LF1840T48A FIGURE 26-4: ASYNCHRONOUS TRANSMISSION (BACK-TO-BACK) TABLE 26-1: SUMMARY OF REGISTERS ASSOCIATED WITH ASYNCHRONOUS TRANSMISSION Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register on Page BAUDCON ABDOVF RCIDL — SCKP BRG16 — WUE ABDEN 274 INTCON GIE PEIE TMR0IE INTE IOCIE TMR0IF INTF IOCIF 83 PIE1 TMR1GIE ADIE RCIE TXIE SSP1IE CCP1IE TMR2IE TMR1IE 84 PIR1 TMR1GIF ADIF RCIF TXIF SSP1IF CCP1IF TMR2IF TMR1IF 86 RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 273 SPBRGL BRG<7:0> 275* SPBRGH BRG<15:8> 275* TXREG EUSART Transmit Data Register 265* TXSTA CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 272 Legend: — = unimplemented location, read as ‘0’. Shaded cells are not used for asynchronous transmission. * Page provides register information. Transmit Shift Reg. Write to TXREG BRG Output (Shift Clock) TX/CK TRMT bit (Transmit Shift Reg. Empty Flag) Word 1 Word 2 Word 1 Word 2 Start bit Stop bit Start bit Transmit Shift Reg. Word 1 Word 2 bit 0 bit 1 bit 7/8 bit 0 Note: This timing diagram shows two consecutive transmissions. 1 TCY 1 TCY pin TXIF bit (Transmit Buffer Reg. Empty Flag) |