| データシートサーチシステム |
|
41594B データシート(PDF) 312 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
41594B データシート(HTML) 312 Page - Microchip Technology |
|
312 / 372 page ![]() PIC12LF1840T48A DS41594B-page 312 Preliminary 2011-2012 Microchip Technology Inc. BCF Bit Clear f Syntax: [ label ] BCF f,b Operands: 0 f 127 0 b 7 Operation: 0 (f<b>) Status Affected: None Description: Bit ‘b’ in register ‘f’ is cleared. BRA Relative Branch Syntax: [ label ] BRA label [ label ] BRA $+k Operands: -256 label - PC + 1 255 -256 k 255 Operation: (PC) + 1 + k PC Status Affected: None Description: Add the signed 9-bit literal ‘k’ to the PC. Since the PC will have incre- mented to fetch the next instruction, the new address will be PC + 1 + k. This instruction is a two-cycle instruc- tion. This branch has a limited range. BRW Relative Branch with W Syntax: [ label ] BRW Operands: None Operation: (PC) + (W) PC Status Affected: None Description: Add the contents of W (unsigned) to the PC. Since the PC will have incre- mented to fetch the next instruction, the new address will be PC + 1 + (W). This instruction is a two-cycle instruc- tion. BSF Bit Set f Syntax: [ label ] BSF f,b Operands: 0 f 127 0 b 7 Operation: 1 (f<b>) Status Affected: None Description: Bit ‘b’ in register ‘f’ is set. BTFSC Bit Test f, Skip if Clear Syntax: [ label ] BTFSC f,b Operands: 0 f 127 0 b 7 Operation: skip if (f<b>) = 0 Status Affected: None Description: If bit ‘b’ in register ‘f’ is ‘1’, the next instruction is executed. If bit ‘b’, in register ‘f’, is ‘0’, the next instruction is discarded, and a NOP is executed instead, making this a 2-cycle instruction. BTFSS Bit Test f, Skip if Set Syntax: [ label ] BTFSS f,b Operands: 0 f 127 0 b < 7 Operation: skip if (f<b>) = 1 Status Affected: None Description: If bit ‘b’ in register ‘f’ is ‘0’, the next instruction is executed. If bit ‘b’ is ‘1’, then the next instruction is discarded and a NOP is executed instead, making this a 2-cycle instruction. |