| データシートサーチシステム |
|
AD9525/PCBZ データシート(PDF) 44 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9525/PCBZ データシート(HTML) 44 Page - Analog Devices |
|
44 / 48 page ![]() AD9525 Data Sheet Rev. 0 | Page 44 of 48 Table 48. VCO, Reference, and CLK Inputs Reg. Addr. (Hex) Bits Bit Name Description 0x1E0 [7:3] Don’t care Don’t care. [2:0] M divider M divider value. Bit 2 Bit 1 Bit 0 Divider Value 0 0 0 1 0 0 1 2 0 1 0 3 0 1 1 4 1 0 0 5 1 0 1 6 1 1 0 7 1 1 1 8 Table 49. Other Reg. Addr. (Hex) Bits Name Description 0x230 [7:5] Don’t care Don’t care. 4 Dist all power-down Powers down all of distribution. Puts all drivers in safe power-down mode. 0 (default): enabled. 1: power-down. 3 CLKIN power-down Powers down CLKIN, CLKIN. 0 (default): enabled. 1: power-down. 2 M divider power-down Powers down M divider. 0 (default): enabled. 1: power-down. 1 Distribution reference power-down Power down distribution reference. This bit should be asserted only when the drivers do not need the safe power-down mode guidelines. 0 (default): enabled. 1: power-down. 0 PLL power-down Power down PLL. 0 (default): enabled. 1: power-down. 232 [7:1] Don’t care Don’t care. 0 IO_UPDATE This bit must be set to 1b to transfer the contents of the buffer registers into the active registers. This happens on the next SCLK rising edge. This bit is self-clearing; that is, it does not have to be set back to 0. 1 (self-clearing): update all active registers to the contents of the buffer registers. |