データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD73360L データシート(PDF) 16 Page - Analog Devices

部品番号 AD73360L
部品情報  Six-Input Channel Analog Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD73360L データシート(HTML) 16 Page - Analog Devices

Back Button AD73360L Datasheet HTML 12Page - Analog Devices AD73360L Datasheet HTML 13Page - Analog Devices AD73360L Datasheet HTML 14Page - Analog Devices AD73360L Datasheet HTML 15Page - Analog Devices AD73360L Datasheet HTML 16Page - Analog Devices AD73360L Datasheet HTML 17Page - Analog Devices AD73360L Datasheet HTML 18Page - Analog Devices AD73360L Datasheet HTML 19Page - Analog Devices AD73360L Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
REV. 0
AD73360L
–16–
Decimation Rate Divider
The AD73360L features a programmable decimation rate divider
that allows users flexibility in matching the AD73360L’s ADC
sample rates to the needs of the DSP software. The maximum
sample rate available is DMCLK/256 and the other available
rates are: DMCLK/512, DMCLK/1024, and DMCLK/2048. The
slowest rate (DMCLK/2048) is the default sample rate. The
sample rate divider is programmable by setting bits CRB:0-1.
Table XV shows the sample rate corresponding to the various
bit settings.
Table XV. Decimation Rate Divider Settings
DR1
DR0
Sample Rate
0
0
DMCLK/2048
0
1
DMCLK/1024
1
0
DMCLK/512
1
1
DMCLK/256
OPERATION
General Description
The AD73360L inputs and outputs data in a Time Division
Multiplexing (TDM) format. When data is being read from the
AD73360L each channel has a fixed time slot in which its data
is transmitted. If a channel is not powered up, no data is trans-
mitted during the allocated time slot and the SDO line will be
three-stated. When the AD73360L is first powered up or reset it
will be set to Program Mode and will output an SDOFS. After a
reset the SDOFS will be asserted once every sample period
(125
µs assuming 16.384 MHz master clock). If the AD73360L
is configured in Frame Sync Loop-Back Mode, one control
word can be transmitted after each SDOFS pulse. Figure 10a
shows the SDO and SDOFS lines after a reset. The serial data
sent by SDO will not contain valid ADC data until the AD73360L
is put into Data Mode or Mixed Mode. Control Registers D
through F allow channels to be powered up individually. This
gives greater flexibility and control over power consumption.
Figure 10b shows the SDOFS and SDO of the AD73360L when
all channels are powered up and Figure 10c shows SDOFS and
SDO with Channels 1, 3, and 5 powered up.
Resetting the AD73360L
The
RESET pin resets all the control registers. All registers are
reset to zero, indicating that the default SCLK rate (DMCLK/8)
and sample rate (DMCLK/2048) are at a minimum to ensure
that slow speed DSP engines can communicate effectively. As
well as resetting the control registers using the
RESET pin, the
device can be reset using the
RESET bit (CRA:7) in Control
Register A. Both hardware and software resets require four
DMCLK cycles. On reset, DATA/
PGM (CRA:0) is set to 0
(default condition) thus enabling Program Mode. The reset
conditions ensure that the device must be programmed to the
correct settings after power-up or reset. Following a reset, the
SDOFS will be asserted approximately 2070 master (MCLK)
cycles after
RESET goes high. The data that is output following
the reset and during Program Mode is random and contains no
valid information until either data or mixed mode is set.
Power Management
The individual functional blocks of the AD73360L can be enabled
separately by programming the power control register CRC. It
allows certain sections to be powered down if not required, which
adds to the device’s flexibility in that the user need not incur the
penalty of having to provide power for a certain section if it is
not necessary to their design. The power control registers provide
individual control settings for the major functional blocks on
each analog front-end unit and also a global override that allows
all sections to be powered up/down by setting/clearing the bit.
Using this method the user could, for example, individually
enable a certain section, such as the reference (CRC:5), and
disable all others. The global power-up (CRC:0) can be used to
enable all sections but if power-down is required using the global
SDOFS
SDO
SE
1/FSAMPLE
Figure 10a. Output Timing After Reset (Program Mode)
SDOFS
SDO
SE
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
CHANNEL 5
CHANNEL 6
Figure 10b. Output Timing: All Channels Powered Up (Data/Mixed Mode)
SDOFS
SDO
SE
CHANNEL 5
CHANNEL 1
CHANNEL 3
Figure 10c. Output Timing: Channels 1, 3, and 5 Powered Up (Data/Mixed Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com