データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

B43545 データシート(PDF) 14 Page - EPCOS

部品番号 B43545
部品情報  Aluminum electrolytic capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EPCOS [EPCOS]
ホームページ  http://www.epcos.com
Logo EPCOS - EPCOS

B43545 データシート(HTML) 14 Page - EPCOS

Back Button B43545 Datasheet HTML 9Page - EPCOS B43545 Datasheet HTML 10Page - EPCOS B43545 Datasheet HTML 11Page - EPCOS B43545 Datasheet HTML 12Page - EPCOS B43545 Datasheet HTML 13Page - EPCOS B43545 Datasheet HTML 14Page - EPCOS B43545 Datasheet HTML 15Page - EPCOS B43545 Datasheet HTML 16Page - EPCOS B43545 Datasheet HTML 17Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Topic
Safety information
Reference
chapter "General
technical information"
Active
flammability
Avoid overload of the capacitors.
8.2
"Active flammability"
Maintenance
Make periodic inspections of the capacitors.
Before the inspection, make sure that the power
supply is turned off and carefully discharge the
electricity of the capacitors.
Do not apply any mechanical stress to the
capacitor terminals.
10
"Maintenance"
Storage
Do not store capacitors at high temperatures or
high humidity. Capacitors should be stored at
+5 to +35
°C and a relative humidity of ≤ 75%.
7.3
Storage conditions
Reference
chapter "Capacitors with
screw terminals"
Breakdown strength
of insulating
sleeves
Do not damage the insulating sleeve, especially
when ring clips are used for mounting.
"Screw terminals
accessories"
B43545
Outstanding ripple current, compact
105
°C
Page 14 of 17
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com