| データシートサーチシステム |
|
AD9887/PCB データシート(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9887/PCB データシート(HTML) 4 Page - Analog Devices |
|
4 / 40 page ![]() REV. 0 –4– AD9887–SPECIFICATIONS DIGITAL INTERFACE Test AD9887KS Parameter Conditions Level Min Typ Max Unit RESOLUTION 8 Bits DC DIGITAL I/O SPECIFICATIONS High-Level Input Voltage, (VIH) VI 2.6 V Low-Level Input Voltage, (VIL) VI 0.8 V High-Level Output Voltage, (VOH) VI 2.4 V Low-Level Output Voltage, (VOL) VI 0.4 V Input Clamp Voltage, (VCINL)(ICL = –18 mA) IV GND – 0.8 V Input Clamp Voltage, (VCIPL)(ICL = +18 mA) IV VDD + 0.8 V Output Clamp Voltage, (VCONL)(ICL = –18 mA) IV GND – 0.8 V Output Clamp Voltage, (VCOPL)(ICL = +18 mA) IV VDD + 0.8 V Output Leakage Current, (IOL) (High Impedance) IV –10 +10 µA DC SPECIFICATIONS Output High Drive Output Drive = High IV 13 mA (IOHD) (VOUT = VOH) Output Drive = Med IV 8 mA Output Drive = Low IV 5 mA Output Drive = High IV –9 mA (IOLD) (VOUT = VOL) Output Drive = Med IV –7 mA Output Drive = Low IV –5 mA Output Drive = High IV 25 mA (VOHC) (VOUT = VOH) Output Drive = Med IV 12 mA Output Drive = Low IV 8 mA DATACK Low Drive Output Drive = High IV –25 mA (VOLC) (VOUT = VOL) Output Drive = Med IV –19 mA Output Drive = Low IV –8 mA Differential Input Voltage Single-Ended Amplitude IV 75 800 mV POWER SUPPLY VD Supply Voltage IV 3.0 3.3 3.6 V VDD Supply Voltage Minimum Value for 2 Pixels per Clock Mode IV 2.2 3.3 3.6 V PVD Supply Voltage IV 3.0 3.3 3.6 V VD Supply Current (Typical Pattern) 1 V 274 mA VDD Supply Current (Typical Pattern) 1, 4 V38 mA PVD Supply Current (Typical Pattern) 1 V21 mA Total Supply Current (Typical Pattern) 1, 4 VI 362 mA VD Supply Current (Worst-Case Pattern) 2 V 280 mA VDD Supply Current (Worst-Case Pattern) 2, 4 V75 mA PVD Supply Current (Worst-Case Pattern) 2 V21 mA Total Supply Current (Worst-Case Pattern) 2, 4 VI 400 mA Power-Down Supply Current (IPD)VI 13 25 mA AC SPECIFICATIONS Intrapair (+ to –) Differential Input Skew (TDPS) IV 360 ps Channel-to-Channel Differential Input Skew (TCCS) IV 1.0 Clock Period Low-to-High Transition Time for Data and Output Drive = High; CL = 10 pF IV 2.0 ns Controls (DLHT) Output Drive = Med; CL = 7 pF IV 3.0 ns Output Drive = Low; CL = 5 pF IV 3.4 ns Low-to-High Transition Time for DATACK (DLHT) Output Drive = High; CL = 10 pF IV 1.3 ns Output Drive = Med; CL = 7 pF IV 1.9 ns Output Drive = Low; CL = 5 pF IV 2.5 ns High-to-Low Transition Time for Data and Output Drive = High; CL = 10 pF IV 2.7 ns Controls (DHLT) Output Drive = Med; CL = 7 pF IV 3.0 ns Output Drive = Low; CL = 5 pF IV 3.3 ns (VD = 3.3 V, VDD = 3 V, Clock = Maximum) |