| データシートサーチシステム |
|
AD9887/PCB データシート(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9887/PCB データシート(HTML) 3 Page - Analog Devices |
|
3 / 40 page ![]() REV. 0 –3– AD9887 Test AD9887KS-100 AD9887KS-140 Parameter Temp Level Min Typ Max Min Typ Max Unit POWER SUPPLY VD Supply Voltage Full IV 3.0 3.3 3.6 3.0 3.3 3.6 V VDD Supply Voltage Full IV 2.2 3.3 3.6 2.2 3.3 3.6 V PVD Supply Voltage Full IV 3.0 3.3 3.6 3.0 3.3 3.6 V ID Supply Current (VD)25 °C V 140 155 mA IDD Supply Current (VDD) 4 25 °C V 34 48 mA IPVD Supply Current (PVD)25 °C V 15 16 mA Total Supply Current 4 Full VI 170 258 215 258 mA Power-Down Supply Current Full VI 18 25 18 25 mA DYNAMIC PERFORMANCE Analog Bandwidth, Full Power 25 °C V 330 330 MHz Transient Response 25 °CV 2 2 ns Overvoltage Recovery Time 25 °C V 1.5 1.5 ns Signal-to-Noise Ratio (SNR) 5 25 °C V 46 46 dB (Without Harmonics) Full V 45 45 dB fIN = 40.7 MHz Crosstalk Full V 60 60 dBc THERMAL CHARACTERISTICS θJA Junction-to-Ambient6 V30 30 °C/W Thermal Resistance NOTES 1Drive Strength = 11. 2VCO Range = 01, Charge Pump Current = 001, PLL Divider = 1693. 3VCO Range = 10, Charge Pump Current = 110, PLL Divider = 1600. 4DEMUX = 1, DATACK and DATACK Load = 10 pF, Data Load = 5 pF. 5Using external pixel clock. 6Simulated typical performance with package mounted to a 4-layer board. Specifications subject to change without notice. |