| データシートサーチシステム |
|
AD9901TQ/883 データシート(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9901TQ/883 データシート(HTML) 7 Page - Analog Devices |
|
7 / 8 page ![]() AD9901 REV. B –7– 10 0% 100 90 500mV 200ns Figure 8. AD9901 Output Waveform (FO << FI) It is important to note that the slope of the transfer function is constant near its midpoint. Many digital phase comparators have an area near the lock point where their gain goes to zero, result- ing in a “dead zone.” This causes increased phase noise (jitter) at the lock point. The AD9901 avoids this dead zone by shifting it to the end- points of the transfer curve, as indicated in Figure 7. The in- creased gain at either end increases the effective error signal to pull the oscillator back into the linear region. This does not affect phase noise, which is far more dependent upon lock region characteristics. It should be noted, however, that as frequency increases, the linear range is decreased. At the ends of the detection range, the reference and oscillator inputs approach phase alignment. At this point, slew rate limiting in the detector effectively increases phase gain. This decreases the linear detection by nominally 3.6 ns. Therefore, the typical detection range can be found by calculating [(1/F – 3.6 ns)/(1/F)] × 360°. As an example, at 200 MHz the linear phase detection range is ±50°. Away from lock, the AD9901 becomes a frequency discrimina- tor. Any time either the reference or oscillator input occurs twice before the other, the Frequency High or Frequency Low flip-flop is clocked to logic LOW. This overrides the XOR output and holds the output at the appropriate level to pull the oscillator toward the reference frequency. Once the frequencies are within the linear range, the phase detector circuit takes over again. Combining the frequency discriminator with the phase detector eliminates locking to a harmonic of the reference. Figure 8 shows the effect of the “Frequency Low” flip-flop when the oscillator frequency is much lower than the reference input. The narrow pulses, which result from cycles when two positive reference-input transitions occur before a positive VCO edge, increase the dc mean value. Figure 9 illustrates the inverse effect when the “Frequency High” flip-flop reacts to a much higher VCO frequency. Figure 10 shows the output waveform at lock for 50 MHz opera- tion. This output results when the phase difference between reference and oscillator is approximately – πRad. AD9901 APPLICATIONS The figure below illustrates a phase-locked loop (PLL) system utilizing the AD9901. The first step in designing this type of circuit is to characterize the VCO’s output frequency as a func- tion of tuning voltage. The transfer function of the oscillator in the diagram is shown in Figure 11. 10 0% 100 90 500mV 200ns Figure 9. AD9901 Output Waveform (FO >> FI) 10 0% 100 90 500mV 5ns Figure 10. AD9901 Output Waveform (FO = FI = 50 MHz) VARACTORS TUNING VOLTAGE – Volts 165 –1 155 145 135 125 115 105 95 85 75 65 0 12 3 4 5 6 Figure 11. VCO Frequency vs. Voltage Next, the range of frequencies over which the VCO is to operate is examined to assure that it lies on a linear portion of the transfer curve. In this case, frequencies from 100 MHz to 120 MHz result from tuning voltages of approximately +1.5 V to +2.5 V. Because the nominal output swing of the AD9901 is 0 V to –1.8 V, an inverting amplifier with a gain of 2 follows the loop filter. As shown in the illustration, a simple passive RC low-pass filter made up of two resistors and a tantalum capacitor eliminates the need for an expensive high speed op amp active-filter design. In this passive-filter second-order-loop system, where n = 2, the damping factor is equal to: δ = 0.5 [K OK d /n(τ1 + τ2)] 1/2 [ τ 2 + (n/KOKd)] and the values for τ 1 and τ2 are the low-pass filter’s time con- stants R1C and R2C. The gain of 2 of the inverting stage, when combined with the phase detector’s gain, gives: Kd = 0.572 V/RAD With KO = 115.2 MRAD/s/V, τ1 equals 1.715s, and τ2 equals 3.11 × 10–4s for the required damping factor of 0.7. The illus- trated values of 30 Ω (R1), 160 Ω (R2), and 10 µF (C) in the diagram approximate these time constants. The gain of the RC filter is: VO/VI = (1 + sR2C)/[1 + s(R1 + R2)C]. Where KOKd >> ωn, the system’s natural frequency: ω n = [KOK d/n(τ1 + τ2)] 1/2 = 4.5 kHz. For general information about phase-locked loop design, the user is advised to consult the following references: Gardner, Phase-Lock Techniques (Wiley); or Best, Phase Locked Loops (McGraw-Hill). |