データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9901TQ/883 データシート(PDF) 1 Page - Analog Devices

部品番号 AD9901TQ/883
部品情報  Ultrahigh Speed Phase/Frequency Discriminator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9901TQ/883 データシート(HTML) 1 Page - Analog Devices

  AD9901TQ/883 Datasheet HTML 1Page - Analog Devices AD9901TQ/883 Datasheet HTML 2Page - Analog Devices AD9901TQ/883 Datasheet HTML 3Page - Analog Devices AD9901TQ/883 Datasheet HTML 4Page - Analog Devices AD9901TQ/883 Datasheet HTML 5Page - Analog Devices AD9901TQ/883 Datasheet HTML 6Page - Analog Devices AD9901TQ/883 Datasheet HTML 7Page - Analog Devices AD9901TQ/883 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Ultrahigh Speed
Phase/Frequency Discriminator
AD9901
GENERAL DESCRIPTION
The AD9901 is a digital phase/frequency discriminator capable
of directly comparing phase/frequency inputs up to 200 MHz.
Processing in a high speed trench-oxide isolated process, com-
bined with an innovative design, gives the AD9901 a linear
detection range, free of indeterminate phase detection zones
common to other digital designs.
With a single +5 V supply, the AD9901 can be configured to
operate with TTL or CMOS logic levels; it can also operate
with ECL inputs when operated with a –5.2 V supply. The
open-collector outputs allow the output swing to be matched to
post-filtering input requirements. A simple current setting resis-
tor controls the output stage current range, permitting a reduc-
tion in power when operated at lower frequencies.
FEATURES
Phase and Frequency Detection
ECL/TTL/CMOS Compatible
Linear Transfer Function
No “Dead Zone”
MIL-STD-883 Compliant Versions Available
APPLICATIONS
Low Phase Noise Reference Loops
Fast-Tuning “Agile” IF Loops
Secure “Hopping” Communications
Coherent Radar Transmitter/Receiver Chains
A major feature of the AD9901 is its ability to compare
phase/frequency inputs at standard IF frequencies without
prescalers. Excessive phase uncertainty which is common with
standard PLL configurations is also eliminated. The AD9901
provides the locking speed of traditional phase/frequency dis-
criminators, with the phase stability of analog mixers.
The AD9901 is available as a commercial temperature range
device, 0
°C to +70°C, and as a military temperature device,
–55
°C to +125°C. The commercial versions are packaged in a
14-lead ceramic DIP and a 20-lead PLCC.
The AD9901 Phase/Frequency Discriminator is available in
versions compliant with MIL-STD-883. Refer to the Analog
Devices Military Products Databook or current AD9901/883B
data sheet for specifications.
FUNCTIONAL BLOCK DIAGRAM
OSCILLATOR
INPUT
FLIP-FLOP
DQ
Q
REFERENCE
INPUT
FLIP-FLOP
DQ
Q
XOR
OUTPUT
OUTPUT
REFERENCE
INPUT
OSCILLATOR
INPUT
OSCILLATOR
FREQUENCY
DISCRIMINATOR
FLIP-FLOP
DQ
Q
S
REFERENCE
FREQUENCY
DISCRIMINATOR
FLIP-FLOP
DQ
Q
R
PHASE-LOCKED LOOP
LOW-
PASS
FILTER
1/N
VCO
AD9901
REFERENCE
INPUT
OSCILLATOR
OUTPUT
OPTIONAL 1/N PRESCALER
TYPICAL OF DIGITAL PLLs
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999


同様の部品番号 - AD9901TQ/883

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9901 AD-AD9901_15 Datasheet
161Kb / 8P
Ultrahigh Speed Phase/Frequency Discriminator
REV. B
More results

同様の説明 - AD9901TQ/883

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
2SA1963 SANYO-2SA1963 Datasheet
129Kb / 5P
High-Frequency Low-Noise Amp, Ultrahigh-Speed Switching Applications
LA7950 SANYO-LA7950 Datasheet
60Kb / 3P
TV Field Frequency Discriminator
logo
Hitachi Semiconductor
HA13481S HITACHI-HA13481S Datasheet
215Kb / 10P
THREE PHASE MOTOR WITH SPEED DISCRIMINATOR
HA13480S HITACHI-HA13480S Datasheet
166Kb / 9P
THREE PHASE MOTOR DRIVER WITH SPEED DISCRIMINATOR
HA13501S HITACHI-HA13501S Datasheet
165Kb / 8P
THREE PHASE MOTOR DRIVER WITH SPEED DISCRIMINATOR
HA13491S HITACHI-HA13491S Datasheet
172Kb / 8P
THREE PHASE MOTOR DRIVER WITH SPEED DISCRIMINATOR
HA13432 HITACHI-HA13432 Datasheet
88Kb / 2P
Three-phase Motor Driver with Speed Discriminator
logo
API Technologies Corp
FDFD6850-1 APITECH-FDFD6850-1 Datasheet
376Kb / 1P
Digital Frequency Discriminator
logo
Analog Devices
AD5539 AD-AD5539_15 Datasheet
493Kb / 16P
Ultrahigh Frequency Operational Amplifier
REV. B
AD9901 AD-AD9901_15 Datasheet
161Kb / 8P
Ultrahigh Speed Phase/Frequency Discriminator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8