| データシートサーチシステム |
|
AD9888/PCB データシート(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9888/PCB データシート(HTML) 5 Page - Analog Devices |
|
5 / 32 page ![]() REV. A AD9888 –5– Table I. Complete Pinout List Pin Pin Type Mnemonic Function Value Number Analog Video Inputs RAIN0 Channel 0 Analog Input for Converter R 0.0 V to 1.0 V 5 GAIN0 Channel 0 Analog Input for Converter G 0.0 V to 1.0 V 13 BAIN0 Channel 0 Analog Input for Converter B 0.0 V to 1.0 V 20 RAIN1 Channel 1 Analog Input for Converter R 0.0 V to 1.0 V 8 GAIN1 Channel 1 Analog Input for Converter G 0.0 V to 1.0 V 17 BAIN1 Channel 1 Analog Input for Converter B 0.0 V to 1.0 V 23 Sync/Clock Inputs HSYNC0 Channel 0 Horizontal SYNC Input 3.3 V CMOS 45 VSYNC0 Channel 0 Vertical SYNC Input 3.3 V CMOS 44 SOGIN0 Channel 0 Input for Sync-on-Green 0.0 V to 1.0 V 12 HSYNC1 Channel 1 Horizontal SYNC Input 3.3 V CMOS 43 VSYNC1 Channel 1 Vertical SYNC Input 3.3 V CMOS 42 SOGIN1 Channel 1 Input for Sync-on-Green 0.0 V to 1.0 V 16 CLAMP Clamp Input (External CLAMP signal) 3.3 V CMOS 30 COAST PLL Coast Signal Input 3.3 V CMOS 53 CKEXT External Pixel Clock Input (to Bypass the PLL) or 10 k Ω to Ground 3.3 V CMOS 54 CKINV ADC Sampling Clock Invert 3.3 V CMOS 29 Sync Outputs HSOUT HSYNC Output Clock (Phase-Aligned with DATACK) 3.3 V CMOS 125 VSOUT VSYNC Output Clock (Phase-Aligned with DATACK) 3.3 V CMOS 127 SOGOUT Sync-on-Green Slicer Output 3.3 V CMOS 126 Voltage REF BYPASS Internal Reference Bypass (Bypass with 0.1 µF to Ground) 1.25 V ± 10% 2 Clamp Voltages RMIDSCV Red Channel Midscale Clamp Voltage Bypass 9 BMIDSCV Blue Channel Midscale Clamp Voltage Bypass 24 PLL Filter FILT Connection for External Filter Components for Internal PLL 50 Power Supply VD Analog Power Supply 3.3 V ± 10% VDD Output Power Supply 3.3 V ± 10% PVD PLL Power Supply 3.3 V ± 10% GND Ground 0 V Serial Port SDA Serial Port Data I/O 3.3 V CMOS 31 (2-Wire SCL Serial Port Data Clock 3.3 V CMOS 32 Serial Interface) A0 Serial Port Address Input 1 3.3 V CMOS 33 Data Outputs Red A[7:0] Port A Outputs of Converter “Red,” Bit 7 is the MSB. 3.3 V CMOS 113–120 Red B[7:0] Port B Outputs of Converter “Red,” Bit 7 is the MSB. 3.3 V CMOS 103–110 Green A[7:0] Port A Outputs of Converter “Green,” Bit 7 is the MSB. 3.3 V CMOS 90–97 Green B[7:0] Port B Outputs of Converter “Green,” Bit 7 is the MSB. 3.3 V CMOS 80–87 Blue A[7:0] Port A Outputs of Converter “Blue,” Bit 7 is the MSB. 3.3 V CMOS 70–77 Blue B[7:0] Port B Outputs of Converter “Blue,” Bit 7 is the MSB. 3.3 V CMOS 57–64 Data Clock DATACK Data Output Clock 3.3 V CMOS 123 Output DATACK Data Output Clock Complement 3.3 V CMOS 124 |