データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9888/PCB データシート(PDF) 3 Page - Analog Devices

部品番号 AD9888/PCB
部品情報  100/140/170/205 MSPS Analog Flat Panel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9888/PCB データシート(HTML) 3 Page - Analog Devices

  AD9888/PCB Datasheet HTML 1Page - Analog Devices AD9888/PCB Datasheet HTML 2Page - Analog Devices AD9888/PCB Datasheet HTML 3Page - Analog Devices AD9888/PCB Datasheet HTML 4Page - Analog Devices AD9888/PCB Datasheet HTML 5Page - Analog Devices AD9888/PCB Datasheet HTML 6Page - Analog Devices AD9888/PCB Datasheet HTML 7Page - Analog Devices AD9888/PCB Datasheet HTML 8Page - Analog Devices AD9888/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
REV. A
–3–
AD9888
Test
AD9888KS-100/-140
1
AD9888KS-170
AD9888KS-205
Parameter
Temp Level Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Analog Bandwidth, Full Power
6
25
°C V
500
500
500
MHz
Transient Response
25
°CV
2
2
2
ns
Overvoltage Recovery Time
25
°C V
1.5
1.5
1.5
ns
Signal-to-Noise Ratio (SNR)
7
25
°C IV
4245
4144
4042
dB
(Without Harmonics)
Full
V
44
43
41
dB
fIN = 40.7 MHz
Crosstalk
Full
V
50
50
50
dBc
THERMAL CHARACTERISTICS
θ
JC–Junction-to-Case
V
8.4
8.4
8.4
°C/W
Thermal Resistance
θ
JA–Junction-to-Ambient
V
35
35
35
°C/W
Thermal Resistance
NOTES
1AD9888KS-100 specifications are tested at 100 MHz. AD9888KS-140 specifications are tested at 140 MHz.
2See Figure 23.
3VCO Range = 10, Charge Pump Current = 100, PLL Divider = 1693.
4VCO Range = 11, Charge Pump Current = 100, PLL Divider = 2159.
5DEMUX = 1, DATACK and
DATACK Load = 15 pF, Data Load = 5 pF.
6Maximum bandwidth setting. Bandwidth can also be programmed to 300 MHz, 150 MHz, and 75 MHz.
7Using External Pixel Clock.
Specifications subject to change without notice.
EXPLANATION OF TEST LEVELS
Test Level
I.
100% production tested.
II.
100% production tested at 25
°C and sample tested at
specified temperatures.
III. Sample tested only.
IV. Parameter is guaranteed by design and characterization
testing.
V.
Parameter is a typical value only.
VI. 100% production tested at 25
°C; guaranteed by design and
characterization testing.
ABSOLUTE MAXIMUM RATINGS
*
VD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.6 V
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.6 V
Analog Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . VD to 0.0 V
VREF IN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VD to 0.0 V
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 V to 0.0 V
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature . . . . . . . . . . . . . . . . . –25
°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 150
°C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . 150
°C
*Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions outside of those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may affect device reliability.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9888 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Temperature
Package
Model
Range
Option
AD9888KS-100
0
°C to 70°C
S-128A
AD9888KS-140
0
°C to 70°C
S-128A
AD9888KS-170
0
°C to 70°C
S-128A
AD9888KS-205
0
°C to 70°C
S-128A
AD9888/PCB
25
°C
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32