データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AOZ1052PI データシート(PDF) 8 Page - Alpha & Omega Semiconductors

部品番号 AOZ1052PI
部品情報  EZBuck??4A Synchronous Buck Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AOSMD [Alpha & Omega Semiconductors]
ホームページ  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1052PI データシート(HTML) 8 Page - Alpha & Omega Semiconductors

Back Button AOZ1052PI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1052PI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1052PI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1052PI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1052PI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1052PI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1052PI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1052PI Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1052PI Datasheet HTML 12Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AOZ1052PI
Rev. 0.5 September 2012
www.aosmd.com
Page 8 of 14
Application Information
The basic AOZ1052PI application circuit is show in
Figure 1. Component selection is explained below.
Input Capacitor
The input capacitor must be connected to the VIN pin and
PGND pin of AOZ1052PI to maintain steady input
voltage and filter out the pulsing input current. The
voltage rating of input capacitor must be greater than
maximum input voltage plus ripple voltage.
The input ripple voltage can be approximated by
equation below:
Since the input current is discontinuous in a buck
converter, the current stress on the input capacitor is
another concern when selecting the capacitor. For a buck
circuit, the RMS value of input capacitor current can be
calculated by:
if we let m equal the conversion ratio:
The relationship between the input capacitor RMS
current and voltage conversion ratio is calculated and
shown in Figure 2 below. It can be seen that when VO is
half of VIN, CIN is under the worst current stress. The
worst current stress on CIN is 0.5 x IO.
Figure 2. ICIN vs. Voltage Conversion Ratio
For reliable operation and best performance, the input
capacitors must have a current rating higher than
ICIN_RMS at the worst operating conditions. Ceramic
capacitors are preferred for input capacitors because of
their low ESR and high current rating. Depending on the
application circuits, other low ESR tantalum capacitors
may be used. When selecting ceramic capacitors, X5R or
X7R type dielectric ceramic capacitors should be used
for their better temperature and voltage characteristics.
Note that the ripple current rating from capacitor
manufactures are based on a certain operating life time.
Further de-rating may need to be considered for long
term reliability.
Inductor
The inductor is used to supply constant current to output
when it is driven by a switching voltage. For a given input
and output voltage, inductance and switching frequency
together decide the inductor ripple current, which is:
The peak inductor current is:
High inductance gives low inductor ripple current but
requires larger size inductor to avoid saturation. Low
ripple current reduces inductor core losses. It also
reduces RMS current through inductor and switches,
which results in less conduction loss. Usually, peak to
peak ripple current on the inductor is designed to be
20% to 40% of output current.
When selecting the inductor, confirm it is able to handle
the peak current without saturation at the highest
operating temperature.
The inductor takes the highest current in a buck circuit.
The conduction loss on the inductor needs to be checked
for thermal and efficiency requirements.
Surface mount inductors in different shape and styles are
available from Coilcraft, Elytone and Murata. Shielded
inductors are small and radiate less EMI noise. However,
they cost more than unshielded inductors. The choice
depends on EMI requirement, price and size.
V
IN
IO
fCIN
-----------------
1
VO
VIN
---------



VO
VIN
---------
=
ICIN_RMS
IO
VO
VIN
--------- 1
VO
VIN
---------



=
VO
VIN
---------
m
=
0
0.1
0.2
0.3
0.4
0.5
0
0.5
1
m
I
CIN_RMS(m)
I
O
I
L
VO
fL
-----------
1
VO
VIN
---------



=
ILpeak
IO
I
L
2
--------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com