データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AOZ1052PI データシート(PDF) 10 Page - Alpha & Omega Semiconductors

部品番号 AOZ1052PI
部品情報  EZBuck??4A Synchronous Buck Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AOSMD [Alpha & Omega Semiconductors]
ホームページ  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1052PI データシート(HTML) 10 Page - Alpha & Omega Semiconductors

Back Button AOZ1052PI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1052PI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1052PI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1052PI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1052PI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1052PI Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1052PI Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ1052PI Datasheet HTML 13Page - Alpha & Omega Semiconductors AOZ1052PI Datasheet HTML 14Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AOZ1052PI
Rev. 0.5 September 2012
www.aosmd.com
Page 10 of 14
The zero given by the external compensation network,
capacitor CC and resistor RC, is located at:
To design the compensation circuit, a target crossover
frequency fC to close the loop must be selected. The
system crossover frequency is where the control loop
has unity gain. The crossover is the also called the
converter bandwidth. Generally a higher bandwidth
means faster response to load transients. However, the
bandwidth should not be too high because of system
stability concern. When designing the compensation
loop, converter stability under all line and load condition
must be considered.
Usually, it is recommended to set the bandwidth to be
equal or less than 1/10 of the switching frequency.
The strategy for choosing RC and CC is to set the cross
over frequency with RC and set the compensator zero
with CC. Using selected crossover frequency, fC, to
calculate RC:
where;
fC is the desired crossover frequency. For best performance,
fC is set to be about 1/10 of the switching frequency;
VFB is 0.8V,
GEA is the error amplifier transconductance, which is
200 x 10-6A/V, and
GCS is the current sense circuit transconductance, which is
8A/V
The compensation capacitor CC and resistor RC together
make a zero. This zero is put somewhere close to the
dominate pole fp1 but lower than 1/5 of the selected
crossover frequency. CC can is selected by:
The above equation can be simplified to:
An easy-to-use application software which helps to
design and simulate the compensation loop can be found
at www.aosmd.com.
Thermal Management and Layout
Considerations
In the AOZ1052PI buck regulator circuit, high pulsing
current flows through two circuit loops. The first loop
starts from the input capacitors, to the VIN pin, to the
LX pad, to the filter inductor, to the output capacitor and
load, and then returns to the input capacitor through
ground. Current flows in the first loop when the high side
switch is on. The second loop starts from the inductor,
to the output capacitors and load, to the low side
NMOSFET. Current flows in the second loop when the
low side NMOSFET is on.
In PCB layout, minimizing the area of the two loops will
reduce the noise of the circuit and improves efficiency.
A ground plane is strongly recommended to connect the
input capacitor, the output capacitor, and the PGND pin
of the AOZ1052PI.
In the AOZ1052PI buck regulator circuit, the major power
dissipating components are the AOZ1052PI and the
output inductor. The total power dissipation of converter
circuit can be measured by input power minus output
power:
The power dissipation of the inductor can be
approximately calculated by the output current and DCR
value of the inductor:
The actual junction temperature can be calculated by the
power dissipation in the AOZ1052PI and the thermal
impedance from junction to ambient:
The maximum junction temperature of the AOZ1052PI is
150ºC, which limits the maximum load current capability.
Please see the thermal de-rating curves for maximum
load current of the AOZ1052PI under different ambient
temperature.
The thermal performance of the AOZ1052PI is strongly
affected by the PCB layout. Care should be taken during
the design process to ensure that the IC will operate
under the recommended environmental conditions.
fZ2
1
2
 C
C
RC
-----------------------------------
=
RC
fC
VO
VFB
----------
2
 C
C
GEA GCS
------------------------------
=
CC
1.5
2
 R
C
fP1
-----------------------------------
=
CC
CO RL
RC
---------------------
=
Ptotal_loss
VIN IIN VO IO
=
Pinductor_loss IO2 Rinductor 1.1
=
Tjunction
Ptotal_loss Pinductor_loss
 
JA
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com