データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DIM400GDM33-F032 データシート(PDF) 1 Page - Dynex Semiconductor

部品番号 DIM400GDM33-F032
部品情報  Dual Switch IGBT Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DYNEX [Dynex Semiconductor]
ホームページ  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM400GDM33-F032 データシート(HTML) 1 Page - Dynex Semiconductor

  DIM400GDM33-F032 Datasheet HTML 1Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 2Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 3Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 4Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 5Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 6Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 7Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DIM400GDM33-F032
Dual Switch IGBT Module
Replaces DS5969-1
DS5969-2 September 2012 (LN29761)
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures
1/8
www.dynexsemi.com
FEATURES
10µs Short Circuit Withstand
High Thermal Cycling Capability
Soft Punch Through Silicon
Isolated AlSiC Base with AlN Substrates
9.5kV Internal Isolation
Lead Free construction
APPLICATIONS
High Reliability Inverters
Motor Controllers
Traction Drives
Choppers
The Powerline range of high power modules includes
half bridge, chopper, dual, single and bi-directional
switch configurations covering voltages from 1200V to
6500V and currents up to 2400A.
The DIM400GDM33-F032 is a single switch 3300V, n-
channel enhancement mode, insulated gate bipolar
transistor (IGBT) module. The IGBT has a wide
reverse bias safe operating area (RBSOA) plus 10μs
short circuit withstand. This device is optimised for
traction drives and other applications requiring high
thermal cycling capability.
The module incorporates an electrically isolated base
plate and low inductance construction enabling circuit
designers to optimise circuit layouts and utilise
grounded heat sinks for safety.
ORDERING INFORMATION
Order As:
DIM400GDM33-F032
Note: When ordering, please use the complete part
number
KEY PARAMETERS
VCES
3300V
VCE(sat) * (typ)
2.8V
IC
(max)
400A
IC(PK)
(max)
800A
* Measured at the auxiliary terminals
Fig. 1 Circuit configuration
Outline type code: G
(See Fig. 11 for further information)
Fig. 2 Package
8(E
2)
9(G
2)
10(C
2)
6(G
1)
5(C
1)
3(C1)
7(E
1)
4(E2)
2(C)
1(E1)


同様の部品番号 - DIM400GDM33-F032

メーカー部品番号データシート部品情報
logo
Dynex Semiconductor
DIM400GDM33-F000 DYNEX-DIM400GDM33-F000 Datasheet
471Kb / 8P
Dual Switch IGBT Module
DIM400GDM33-F000 DYNEX-DIM400GDM33-F000_15 Datasheet
471Kb / 8P
Dual Switch IGBT Module
More results

同様の説明 - DIM400GDM33-F032

メーカー部品番号データシート部品情報
logo
Dynex Semiconductor
DIM400DDM17-A000 DYNEX-DIM400DDM17-A000 Datasheet
144Kb / 10P
Dual Switch IGBT Module
GP800DDS18 DYNEX-GP800DDS18 Datasheet
135Kb / 10P
Dual Switch IGBT Module
DIM600DDM17-A000 DYNEX-DIM600DDM17-A000 Datasheet
171Kb / 10P
Dual Switch IGBT Module
DIM400DDM12-A000 DYNEX-DIM400DDM12-A000 Datasheet
617Kb / 8P
Dual Switch IGBT Module
DIM600DDM17-A000 DYNEX-DIM600DDM17-A000_10 Datasheet
317Kb / 8P
Dual Switch IGBT Module
DIM400DDM12-A000 DYNEX-DIM400DDM12-A000_15 Datasheet
391Kb / 8P
Dual Switch IGBT Module
DIM400DDS12-A000 DYNEX-DIM400DDS12-A000_15 Datasheet
390Kb / 8P
Dual Switch IGBT Module
DIM500GDM33-TS000 DYNEX-DIM500GDM33-TS000_15 Datasheet
414Kb / 8P
Dual Switch IGBT Module
DIM600DDS12-A000 DYNEX-DIM600DDS12-A000_15 Datasheet
392Kb / 8P
Dual Switch IGBT Module
DIM800DDM17-A000 DYNEX-DIM800DDM17-A000_15 Datasheet
323Kb / 8P
Dual Switch IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com