データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DIM400GDM33-F032 データシート(PDF) 2 Page - Dynex Semiconductor

部品番号 DIM400GDM33-F032
部品情報  Dual Switch IGBT Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DYNEX [Dynex Semiconductor]
ホームページ  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM400GDM33-F032 データシート(HTML) 2 Page - Dynex Semiconductor

  DIM400GDM33-F032 Datasheet HTML 1Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 2Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 3Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 4Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 5Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 6Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 7Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DIM400GDM33-F032
2/8
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
ABSOLUTE MAXIMUM RATINGS
Stresses above those listed under ‘Absolute Maximum Ratings’ may cause permanent damage to the device. In
extreme conditions, as with all semiconductors, this may include potentially hazardous rupture of the package.
Appropriate safety precautions should always be followed. Exposure to Absolute Maximum Ratings may affect
device reliability.
Tcase = 25°C unless stated otherwise
Symbol
Parameter
Test Conditions
Max.
Units
VCES
Collector-emitter voltage
VGE = 0V
3300
V
VGES
Gate-emitter voltage
±20
V
IC
Continuous collector current
Tcase = 90°C
400
A
IC(PK)
Peak collector current
1ms, Tcase = 115°C
800
A
Pmax
Max. transistor power dissipation
Tcase = 25°C, Tj = 150°C
5.2
kW
I
2t
Diode I
2t value
VR = 0, tp = 10ms, Tj = 125ºC
80
kA
2s
Visol *
Isolation voltage
– per module
Commoned terminals to base plate.
AC RMS, 1 min, 50Hz
9500
V
QPD
Partial discharge
– per module
IEC1287, V1 = 6400V, V2 = 4700V, 50Hz RMS
10
pC
* Package external clearances may not conform to all 9.5kV isolation standards.
* Minimum external creepage/clearance distance between terminals and base plate is 33mm
THERMAL AND MECHANICAL RATINGS
Internal insulation material:
AlN
Baseplate material:
AlSiC
Creepage distance:
33mm
Clearance:
20mm
CTI (Comparative Tracking Index):
350
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Units
Rth(j-c)
Thermal resistance
– transistor
Continuous dissipation -
junction to case
-
-
24
°C/kW
Rth(j-c)
Thermal resistance
– diode
Continuous dissipation -
junction to case
-
-
48
°C/kW
Rth(c-h)
Thermal resistance
case to heatsink (per module)
Mounting torque 5Nm
(with mounting grease)
-
-
8
°C/kW
Tj
Junction temperature
Transistor
-
-
150
°C
Diode
-
-
125
°C
Tstg
Storage temperature range
-
-40
-
125
°C
Screw torque
Mounting
– M6
-
-
5
Nm
Electrical connections
– M4
-
-
2
Nm
Electrical connections
– M8
-
-
10
Nm



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com