データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML5012 データシート(PDF) 8 Page - Minilogic Device Corporation Limited

部品番号 ML5012
部品情報  12 Bit SAR A/D Converter 4-pins Serial control interface CS, DIN, DOUT, SCK
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINILOGIC [Minilogic Device Corporation Limited]
ホームページ  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML5012 データシート(HTML) 8 Page - Minilogic Device Corporation Limited

Back Button ML5012 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 10Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 11Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 12Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
P8/29
Rev. M, May 2010
ML5012
1-1.
WR_STCH Command. Select PGA input channel (CHAB_SEL & CHB_SEL), enable oscillator (ENOSC) for A/D,
AD Range Selection (AD_Range) and MOSFET Enable control (M1_EN, M2_EN, M3_EN & M4_EN).
The following diagram shows the timing of sending WR_STCH command.
The DIN data in C1~C4 cycle is WR_STCH command code.
The DIN data in C5 cycle is Oscillator Enable bit, D11 = ENOSC.
The DIN data in C6 cycle is AD Range Selection bit, D10 = AD_Range
The DIN data in C7~C9 cycle is Channel AB selection, D[9:7] = CHAB_SEL[2:0].
The DIN data in C10~C12 cycle is Channel B selection, D[6:4] = CHB_SEL[2:0].
The DIN data in C13 cycle is MOSFET 1 Enable, D3= M1_EN.
The DIN data in C14 cycle is MOSFET 2 Enable, D2= M2_EN.
The DIN data in C15 cycle is MOSFET 3 Enable, D1= M3_EN.
The DIN data in C16 cycle is MOSFET 4 Enable, D0= M4_EN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29