| データシートサーチシステム |
|
ACT7000SC データシート(PDF) 17 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
ACT7000SC データシート(HTML) 17 Page - Aeroflex Circuit Technology |
|
17 / 25 page ![]() Aeroflex Circuit Technology SCD7000SC REV B 7/30/01 Plainview NY (516) 694-6700 17 PLL Analog Power Filtering The ACT 7000SC includes extra PLL Analog Power Fiiltering circuitry designed to provide low noise, temperature stable filtering for the VccP and VssP signals. The included circuitry consists of several passive components located at the closest possible point to the RM7000 die and is configured as shown in Figure 9. Additional board level PPL filtering is also required. The recommended configuration is shown in Figure 10. 64 65 .01 µF 1000 pF 5 Ω 5 Ω RM7000 Die VccP VssP 10 µF .1 µF 5 Ω 5 Ω 64 65 VccP VssP 1000 pF VccInt VssInt Figure 10 – Recommended Board Level PLL Filter circuit Figure 9 – ACT 7000SC Including PLL Filter Circuit for the ACT 7000SC |