| データシートサーチシステム |
|
CT2579 データシート(PDF) 17 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
CT2579 データシート(HTML) 17 Page - Aeroflex Circuit Technology |
|
17 / 41 page ![]() 17 APPLICATION NOTE #108 Released 9/98 REM * REM * REM ******************************************************************************************* REM******************************************************************************************** REM ************ INITIALIZATION ROUTINE *********************************************** REM ******************************************************************************************* INIT: DEFINT A-Z OUT 1, 400(h) "WRITE TO THIS ADDRESS TO SET CT2577 INTO RT MODE INPUT MODE, XX(h) "READ PIN BCNRT FROM THE CT2577 " 0 = RT MODE " 1 = BC MODE DIM DATA(32) "LOCATIONS 1-32 = 32 WORDS REM ****************************************************************************************** REM ****************************************************************************************** REM ************ DETECT COMMAND ROUTINE **************************************** REM ****************************************************************************************** DETECT: IF NCMDEMPTY = 1 THEN CMDWORD = INPUT(OOh) ;READ FROM LOCATION 00 MEMPOINT = CMDWORD & 0000011111111111(b) T/R_BIT = CMDWORD & 0000010000000000(b) WORDCNT = CMDWORD & 0000000000011111(b) MEMPOINT = MEMPOINT - 1 "OFFSET POINTER SO THAT FINAL POSITION "IS AT LOCATION 00. FOR EXAMPLE, A ONE "WORD TRANSFER SHOULD BE LOADED IN "LOCATION 00 OF THAT SUBADDRESS. END IF IF WORDCNT = 00000(b) THEN WORDCNT = 32 "ALL ZEROS IN WORD COUNT FIELD = 32 DATA WORDS END IF IF T/R_BIT = 0000000000000000(b) THEN REDIM DATA() ;CLEARS ARRAY DATA() ; GOT TO ROUTINE TO READ OUT ; THE RECEIVED DATA FROM THE 1553 BUS GOTO RECEIVE END IF IF T/R_BIT = 0000010000000000(b) THEN REDIM DATA() ;CLEARS ARRAY DATA() FOR J = 1 TO 32 |