| データシートサーチシステム |
|
CT2579 データシート(PDF) 21 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
CT2579 データシート(HTML) 21 Page - Aeroflex Circuit Technology |
|
21 / 41 page ![]() 21 APPLICATION NOTE #108 Released 9/98 SUMMARY OF OPERATION Device can be either RT or BC. 1. ADDR = 1 00 06 (Write) Select offline self test. OR ADDR = 1 00 07 (Write) Select online self test. 2. ADDR = 1 00 10 (Write) Select bus 0. OR ADDR = 1 00 18 (Write) Select bus 1. 3. ADDR = 2 01-1E 00 (Write) DATA = n Write self test data to BCAST location. OR ADDR = 0 01-1E 00 (Write) DATA = n Write self test data to RECEIVE location. 4. ADDR = 0 00 00 (Write) DATA = 1F 0 01-1E 01 Transmit message (Bcast receive 1 word). OR ADDR = 0 00 00 (Write) DATA = RTAD 0 01-1E 01 Transmit message (Receive 1 word). 5. ADDR = 2 01-1E 00 (Write) DATA = 0 Write 0 to self test location. OR ADDR = 0 01-1E 00 (Write) DATA = 0 Write 0 to self test location. 6. ADDR = 2 01-1E 00 (Read) DATA = 0 Read 0 from self test location. OR ADDR = 0 01-1E 00 (Read) DATA = 0 Read 0 from self test location. 7. ADDR = 2 01-1E 00 (Read) DATA = n Read self test data after NCMDSTRB. OR ADDR = 0 01-1E 00 (Read) DATA = n Read self test data after NCMDSTRB. 8. ADDR = 0 00 00 (Read) DATA = 1F 0 01-1E 01 Read command from command memory. OR or ADDR = 0 00 00 (Read) DATA = RTAD 0 01-1E 01 Read command from command memory. 9. ADDR = 1 00 08 (Write) Disable self test. ADDR = 0 00 01 (Read) Read device status: Bit 6 = Offline self test. Bit 7 = Online self test |