| データシートサーチシステム |
|
OR2C04A データシート(PDF) 110 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
OR2C04A データシート(HTML) 110 Page - List of Unclassifed Manufacturers |
|
110 / 192 page ![]() Data Sheet ORCA Series 2 FPGAs June 1999 110 Lucent Technologies Inc. AC25 PR16B PR18B PR20C PR24C PR29A I/O AC24 PR16C PR18C PR20D PR24D PR29D I/O AC26 PR16D PR18D PR19A PR23A PR28A I/O AB25 PR15A PR17A PR19D PR23D PR28D I/O AB23 PR15B PR17B PR18A PR22A PR27A I/O AB24 PR15C PR17C PR18B PR22B PR27B I/O AB26 PR15D PR17D PR18D PR22D PR27D I/O AA25 PR14A PR16A PR17A PR21A PR26A I/O Y23 PR14B PR16B PR17B PR21B PR26B I/O AA24 PR14C PR16C PR17C PR21C PR26C I/O AA26 — PR16D PR17D PR21D PR25A I/O Y25 PR14D PR15A PR16A PR20A PR24A I/O Y26 — PR15B PR16B PR20B PR24B I/O Y24 PR13A PR15C PR16C PR20C PR24D I/O W25 PR13B PR15D PR16D PR20D PR23D I/O-M1 V23 PR13C PR14A PR15A PR19A PR22A I/O W26 — PR14B PR15B PR19B PR22B I/O W24 PR13D PR14C PR15C PR19C PR22C I/O V25 PR12A PR14D PR15D PR19D VDD5 I/O-VDD5 V26 PR12B PR13A PR14A PR18A PR21A I/O U25 — PR13B PR14B PR18B PR21B I/O V24 PR12C PR13C PR14C PR18C PR21C I/O U26 PR12D PR13D PR14D PR18D PR21D I/O U23 PR11A PR12A PR13A PR17A PR20A I/O-M2 T25 PR11B PR12B PR13B PR17D PR20D I/O U24 PR11C PR12C PR13C PR16A PR19A I/O T26 PR11D PR12D PR13D PR16D PR19D I/O R25 PR10A PR11A PR12A PR15A PR18A I/O-M3 R26 PR10B PR11B PR12B PR15D PR18D I/O T24 PR10C PR11C PR12C PR14A PR17A I/O P25 PR10D PR11D PR12D PR14D PR17D I/O R23 PR9A PR10A PR11A PR13A PR16A I/O P26 PR9B PR10B PR11B PR13B PR16B I/O R24 PR9C PR10C PR11C PR13C PR16C I/O N25 PR9D PR10D PR11D PR13D PR16D I/O N23 PR8A PR9A PR10A PR12A PR15A I/O N26 PR8B PR9B PR10B PR12B PR15B I/O P24 PR8C PR9C PR10C PR12C PR15C I/O M25 PR8D PR9D PR10D PR12D PR15D I/O Pin Information (continued) Table 27. OR2C/2T10A, OR2C/2T12A, OR2C/2T15A/B, OR2C/2T26A, and OR2T40A/B 352-Pin PBGA Pinout (continued) Pin 2C/2T10A Pad 2C/2T12A Pad 2C/2T15A/B Pad 2C/2T26A Pad OR2T40A/B Pad Function Notes: The pins labeled I/O-VDD5 are user I/Os for the OR2CxxA and OR2TxxB series, but they are connected to VDD5 for the OR2TxxA series. The pins labeled VSS-ETC are the 6 x 6 array of thermal balls located at the center of the package. The balls can be attached to the ground plane of the board for enhanced thermal capability (see Table 29), or they can be left unconnected. |