| データシートサーチシステム |
|
OR2C04A データシート(PDF) 112 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
OR2C04A データシート(HTML) 112 Page - List of Unclassifed Manufacturers |
|
112 / 192 page ![]() Data Sheet ORCA Series 2 FPGAs June 1999 112 Lucent Technologies Inc. A23 PT15D PT17D PT19A PT23A PT28A I/O-RDY/ RCLK B22 PT15C PT17C PT18D PT22D PT27D I/O D22 PT15B PT17B PT18C PT22C PT27C I/O C22 PT15A PT17A PT18A PT22A PT27A I/O A22 PT14D PT16D PT17D PT21D PT26D I/O B21 PT14C PT16C PT17C PT21C PT26C I/O D20 PT14B PT16B PT17B PT21B PT26B I/O C21 PT14A PT16A PT17A PT21A PT26A I/O A21 PT13D PT15D PT16D PT20D PT25D I/O-D7 B20 — PT15C PT16C PT20C PT25C I/O A20 PT13C PT15B PT16B PT20B PT25B I/O C20 — PT15A PT16A PT20A PT25A I/O B19 PT13B PT14D PT15D PT19D VDD5 I/O-VDD5 D18 — PT14C PT15C PT19C PT24C I/O A19 PT13A PT14B PT15B PT19B PT24B I/O C19 — PT14A PT15A PT19A PT23D I/O B18 PT12D PT13D PT14D PT18D PT22D I/O A18 PT12C PT13C PT14C PT18C PT22A I/O B17 PT12B PT13B PT14B PT18B PT21D I/O-D6 C18 PT12A PT13A PT14A PT18A PT21A I/O A17 PT11D PT12D PT13D PT17D PT20D I/O D17 PT11C PT12C PT13C PT17A PT20A I/O B16 PT11B PT12B PT13B PT16D PT19D I/O C17 PT11A PT12A PT13A PT16A PT19A I/O-D5 A16 PT10D PT11D PT12D PT15D PT18D I/O B15 PT10C PT11C PT12C PT15A PT18A I/O A15 PT10B PT11B PT12B PT14D PT17D I/O C16 PT10A PT11A PT12A PT14A PT17A I/O-D4 B14 PT9D PT10D PT11D PT13D PT16D I/O D15 PT9C PT10C PT11C PT13C PT16C I/O A14 PT9B PT10B PT11B PT13B PT16B I/O C15 PT9A PT10A PT11A PT13A PT16A I/O-D3 B13 PT8D PT9D PT10D PT12D PT15D I/O D13 PT8C PT9C PT10C PT12C PT15C I/O A13 PT8B PT9B PT10B PT12B VDD5 I/O-VDD5 C14 PT8A PT9A PT10A PT12A PT15A I/O-D2 B12 PT7D PT8D PT9D PT11D PT14D I/O-D1 C13 PT7C PT8C PT9C PT11A PT14A I/O Pin Information (continued) Table 27. OR2C/2T10A, OR2C/2T12A, OR2C/2T15A/B, OR2C/2T26A, and OR2T40A/B 352-Pin PBGA Pinout (continued) Pin 2C/2T10A Pad 2C/2T12A Pad 2C/2T15A/B Pad 2C/2T26A Pad OR2T40A/B Pad Function Notes: The pins labeled I/O-VDD5 are user I/Os for the OR2CxxA and OR2TxxB series, but they are connected to VDD5 for the OR2TxxA series. The pins labeled VSS-ETC are the 6 x 6 array of thermal balls located at the center of the package. The balls can be attached to the ground plane of the board for enhanced thermal capability (see Table 29), or they can be left unconnected. |