データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OR2C04A データシート(PDF) 121 Page - List of Unclassifed Manufacturers

部品番号 OR2C04A
部品情報  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A データシート(HTML) 121 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 117Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 118Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 119Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 120Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 121Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 122Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 123Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 124Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 125Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 192 page
background image
Data Sheet
June 1999
ORCA Series 2 FPGAs
Lucent Technologies Inc.
121
R1
PR10B
PR12B
PR15B
I/O
R2
PR10C
PR12C
PR15C
I/O
R3
PR10D
PR12D
PR15D
I/O
P1
PR9A
PR11A
PR14A
I/O-VDD5
P2
PR9B
PR11C
PR14C
I/O
P3
PR9C
PR11D
PR14D
I/O
N1
—
PR10A
PR13A
I/O
P4
PR9D
PR10C
PR13C
I/O
N2
—
PR10D
PR13D
I/O
N3
PR8A
PR9A
PR12A
I/O-CS1
M2
PR8B
PR9D
PR12D
I/O
N4
PR8C
PR8A
PR11A
I/O
M3
PR8D
PR8D
PR11D
I/O
L1
PR7A
PR7A
PR10A
I/O-CS0
L2
PR7B
PR7B
PR10B
I/O
M4
PR7C
PR7C
PR10C
I/O
L3
PR7D
PR7D
PR10D
I/O
K1
PR6A
PR6A
PR9A
I/O
K2
PR6B
PR6B
PR9B
I/O
K3
PR6C
PR6C
PR9C
I/O
J1
PR6D
PR6D
PR9D
I/O
J2
PR5A
PR5A
PR8A
I/O-RD
K4
PR5B
PR5B
PR7A
I/O
J3
PR5C
PR5C
PR7C
I/O
H2
PR5D
PR5D
PR6A
I/O
H3
PR4A
PR4A
PR5A
I/O-VDD5
J4
PR4B
PR4B
PR5B
I/O
G1
PR4C
PR4C
PR5C
I/O
G2
PR4D
PR4D
PR5D
I/O
G3
PR3A
PR3A
PR4A
I/O-WR
H4
PR3B
PR3B
PR4B
I/O
F1
PR3C
PR3C
PR4C
I/O
F2
PR3D
PR3D
PR4D
I/O
F3
PR2A
PR2A
PR3A
I/O
E1
PR2B
PR2B
PR3B
I/O
E2
PR2C
PR2C
PR3C
I/O
E3
PR2D
PR2D
PR3D
I/O
F4
PR1A
PR1A
PR2A
I/O
D1
PR1B
PR1B
PR2D
I/O
D2
PR1C
PR1C
PR1A
I/O
D3
PR1D
PR1D
PR1D
I/O
E4
RD_CFGN
RD_CFGN
RD_CFGN
RD_CFGN
D5
PT20D
PT24D
PT30D
I/O
C4
PT20C
PT24C
PT30A
I/O
Pin Information (continued)
Table 28. OR2C/2T15A, OR2C/2T26A, and OR2C/2T40A/B 432-Pin EBGA Pinout (continued)
Pin
2C/2T15A Pad
2C/2T26A Pad
2C/2T40A/B Pad
Function
Notes:
The OR2T15A pin AG2 is not connected in the 432-pin EBGA package.
The pins labeled I/O-VDD5 are user I/Os for the OR2CxxA and OR2TxxB series, but they are connected to VDD5 for the OR2TxxA series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More