| データシートサーチシステム |
|
OR2C04A データシート(PDF) 125 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
OR2C04A データシート(HTML) 125 Page - List of Unclassifed Manufacturers |
|
125 / 192 page ![]() Data Sheet June 1999 ORCA Series 2 FPGAs Lucent Technologies Inc. 125 AA28 VDD VDD VDD VDD AA4 VDD VDD VDD VDD AE28 VDD VDD VDD VDD AE4 VDD VDD VDD VDD AH11 VDD VDD VDD VDD AH15 VDD VDD VDD VDD AH17 VDD VDD VDD VDD AH21 VDD VDD VDD VDD AH25 VDD VDD VDD VDD AH28 VDD VDD VDD VDD AH4 VDD VDD VDD VDD AH7 VDD VDD VDD VDD AJ29 VDD VDD VDD VDD AJ3 VDD VDD VDD VDD AK2 VDD VDD VDD VDD AK30 VDD VDD VDD VDD AL1 VDD VDD VDD VDD AL31 VDD VDD VDD VDD B2 VDD VDD VDD VDD B30 VDD VDD VDD VDD C29 VDD VDD VDD VDD C3 VDD VDD VDD VDD D11 VDD VDD VDD VDD D15 VDD VDD VDD VDD D17 VDD VDD VDD VDD D21 VDD VDD VDD VDD D25 VDD VDD VDD VDD D28 VDD VDD VDD VDD D4 VDD VDD VDD VDD D7 VDD VDD VDD VDD G28 VDD VDD VDD VDD G4 VDD VDD VDD VDD L28 VDD VDD VDD VDD L4 VDD VDD VDD VDD R28 VDD VDD VDD VDD R4 VDD VDD VDD VDD U28 VDD VDD VDD VDD U4 VDD VDD VDD VDD Pin Information (continued) Table 28. OR2C/2T15A, OR2C/2T26A, and OR2C/2T40A/B 432-Pin EBGA Pinout (continued) Pin 2C/2T15A Pad 2C/2T26A Pad 2C/2T40A/B Pad Function Notes: The OR2T15A pin AG2 is not connected in the 432-pin EBGA package. The pins labeled I/O-VDD5 are user I/Os for the OR2CxxA and OR2TxxB series, but they are connected to VDD5 for the OR2TxxA series. |