データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP1046AACPZ-R7 データシート(PDF) 40 Page - Analog Devices

部品番号 ADP1046AACPZ-R7
部品情報  Digital Controller for Isolated Power Supply Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-R7 データシート(HTML) 40 Page - Analog Devices

Back Button ADP1046AACPZ-R7 Datasheet HTML 36Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
ADP1046A
Data Sheet
Rev. 0 | Page 40 of 88
Invalid or Unsupported Command Code
If an invalid or unsupported command code is sent to the
I2C slave, the I2C slave considers this a data content fault
and responds as follows:
•
Issues a no acknowledge for the illegal/unsupported
command byte and data bytes
•
Flushes and ignores the received command and data
Reserved Bits
Accesses to reserved bits are not a fault. Writes to reserved bits
are ignored, and reads from reserved bits return undefined data.
Write to Read-Only Commands
If a host performs a write to a read-only command, the I2C slave
considers this a data content fault and responds as follows:
•
Issues a no acknowledge for all unexpected data bytes as
they are received
•
Flushes and ignores the received command and data
Note that this is the same error described in the Host Sends Too
Many Bytes section.
Read from Write-Only Commands
If a host performs a read from a write-only command, the I2C
slave considers this a data content fault and send all 1s (0xFF) as
long as the host continues to request data.
Note that this is the same error described in the Host Reads Too
Many Bytes section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88