データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP1046AACPZ-R7 データシート(PDF) 65 Page - Analog Devices

部品番号 ADP1046AACPZ-R7
部品情報  Digital Controller for Isolated Power Supply Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-R7 データシート(HTML) 65 Page - Analog Devices

Back Button ADP1046AACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 66Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 67Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 68Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
Data Sheet
ADP1046A
Rev. 0 | Page 65 of 88
Table 64. Register 0x40—PWM Switching Frequency Setting
Bits
Bit Name
R/W
Description
[7:6]
Reserved
R/W
Reserved.
[5:0]
Switching frequency
R/W
This register sets the switching frequency of all the PWM pins other than the OUTAUX pin.
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Frequency (kHz)
0
0
0
0
0
0
48.83
0
0
0
0
0
1
50.40
0
0
0
0
1
0
52.08
0
0
0
0
1
1
53.88
0
0
0
1
0
0
55.80
0
0
0
1
0
1
57.87
0
0
0
1
1
0
60.1
0
0
0
1
1
1
62.5
0
0
1
0
0
0
65.1
0
0
1
0
0
1
67.93
0
0
1
0
1
0
71.02
0
0
1
0
1
1
74.4
0
0
1
1
0
0
78.13
0
0
1
1
0
1
82.24
0
0
1
1
1
0
86.81
0
0
1
1
1
1
91.91
0
1
0
0
0
0
97.66
0
1
0
0
0
1
100.81
0
1
0
0
1
0
104.17
0
1
0
0
1
1
107.76
0
1
0
1
0
0
111.61
0
1
0
1
0
1
115.74
0
1
0
1
1
0
120.19
0
1
0
1
1
1
125.0
0
1
1
0
0
0
130.21
0
1
1
0
0
1
135.87
0
1
1
0
1
0
142.05
0
1
1
0
1
1
148.81
0
1
1
1
0
0
156.25
0
1
1
1
0
1
164.47
0
1
1
1
1
0
173.61
0
1
1
1
1
1
183.82
1
0
0
0
0
0
195.31
1
0
0
0
0
1
201.61
1
0
0
0
1
0
208.33
1
0
0
0
1
1
215.52
1
0
0
1
0
0
223.21
1
0
0
1
0
1
231.48
1
0
0
1
1
0
240.38
1
0
0
1
1
1
250
1
0
1
0
0
0
260.42
1
0
1
0
0
1
271.42
1
0
1
0
1
0
284.09
1
0
1
0
1
1
297.62
1
0
1
1
0
0
312.5
1
0
1
1
0
1
328.95
1
0
1
1
1
0
347.22
1
0
1
1
1
1
367.65
1
1
0
0
0
0
390.63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88