データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F107VC データシート(PDF) 29 Page - STMicroelectronics

部品番号 STM32F107VC
部品情報  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F107VC データシート(HTML) 29 Page - STMicroelectronics

Back Button STM32F107VC Datasheet HTML 25Page - STMicroelectronics STM32F107VC Datasheet HTML 26Page - STMicroelectronics STM32F107VC Datasheet HTML 27Page - STMicroelectronics STM32F107VC Datasheet HTML 28Page - STMicroelectronics STM32F107VC Datasheet HTML 29Page - STMicroelectronics STM32F107VC Datasheet HTML 30Page - STMicroelectronics STM32F107VC Datasheet HTML 31Page - STMicroelectronics STM32F107VC Datasheet HTML 32Page - STMicroelectronics STM32F107VC Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 103 page
background image
STM32F105xx, STM32F107xx
Pinouts and pin description
Doc ID 15274 Rev 6
29/104
G10
-
62
PD15
I/O FT
PD15
TIM4_CH4
F10 37
63
PC6
I/O FT
PC6
I2S2_MCK/
TIM3_CH1
E10 38
64
PC7
I/O FT
PC7
I2S3_MCK
TIM3_CH2
F9
39
65
PC8
I/O FT
PC8
TIM3_CH3
E9
40
66
PC9
I/O FT
PC9
TIM3_CH4
D9 41
67
PA8
I/O FT
PA8
USART1_CK/OTG_FS_SOF /
TIM1_CH1(8)/MCO
C9 42
68
PA9
I/O FT
PA9
USART1_TX(7)/ TIM1_CH2(7)/
OTG_FS_VBUS
D10 43
69
PA10
I/O FT
PA10
USART1_RX(7)/
TIM1_CH3(7)/OTG_FS_ID
C10 44
70
PA11
I/O FT
PA11
USART1_CTS / CAN1_RX /
TIM1_CH4(7)/OTG_FS_DM
B10 45
71
PA12
I/O FT
PA12
USART1_RTS / OTG_FS_DP /
CAN1_TX(7) / TIM1_ETR(7)
A10 46
72
PA13
I/O FT JTMS-SWDIO
PA13
F8
-
73
Not connected
E6
47
74
VSS_2
SVSS_2
F6
48
75
VDD_2
SVDD_2
A9
49
76
PA14
I/O FT JTCK-SWCLK
PA14
A8
50
77
PA15
I/O FT
JTDI
SPI3_NSS / I2S3_WS
TIM2_CH1_ETR / PA15
SPI1_NSS
B9
51
78
PC10
I/O FT
PC10
UART4_TX
USART3_TX/
SPI3_SCK/I2S3_CK
B8
52
79
PC11
I/O FT
PC11
UART4_RX
USART3_RX/
SPI3_MISO
C8 53
80
PC12
I/O FT
PC12
UART5_TX
USART3_CK/
SPI3_MOSI/I2S3_SD
--
81
PD0
I/O FT
PD0
OSC_IN(9)/CAN1_RX
--
82
PD1
I/O FT
PD1
OSC_OUT(9)/CAN1_TX
B7
54
83
PD2
I/O FT
PD2
TIM3_ETR / UART5_RX
C7
-
84
PD3
I/O FT
PD3
USART2_CTS
D7
-
85
PD4
I/O FT
PD4
USART2_RTS
B6
-
86
PD5
I/O FT
PD5
USART2_TX
C6
-
87
PD6
I/O FT
PD6
USART2_RX
D6
-
88
PD7
I/O FT
PD7
USART2_CK
Table 5.
Pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More