| データシートサーチシステム |
|
MS-101003 データシート(PDF) 24 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
MS-101003 データシート(HTML) 24 Page - Amphenol Corporation |
|
24 / 40 page ![]() Cable Connecting Receptacle 97B-3101 97B-4101 Q V K M MS And 97B Series 22 Shell Types Front box mounting receptacle 97B-3102 97B-4102 MOUNTING HOLES 4.39 DIA. FOR SIZE 32 ,36 AND 40 3.73 DIA. FOR SIZE 24 AND 28 3.05 DIA. FOR ALL OTHER SIZES All dimensions are in mm Connector Size 2.8 3.2 3.2 3.2 4.0 4.0 4.0 4.0 4.0 4.0 4.0 14.2 14.2 14.2 19.0 19.0 19.0 19.0 20.6 20.6 22.2 22.2 18.2 23.0 24.6 24.6 27.0 29.4 31.8 34.9 39.7 44.5 49.2 25.4 30.0 32.5 32.5 35.0 38.0 41.0 44.5 50.8 57.0 63.5 15.9 19.2 22.4 22.4 25.6 29.0 32.2 35.3 41.4 47.8 52.4 24.7 24.7 24.7 33.8 34.5 34.5 34.5 35.7 35.7 37.3 37.3 18.2 24.6 27.4 27.4 30.8 34.2 37.4 40.9 46.7 53.4 59.6 10SL 14S 16S 16 18 20 22 24 28 32 36 A K M R S N max L max 40 65.5 4.0 22.2 55.5 69.85 58.70 37.3 R S K L M All dimensions are in mm Connector Size 5/8-24 NEF 3/4-20 UNEF 7/8-20 UNEF 7/8-20 UNEF 1-20 UNEF 1 1/8-24 NS 1 1/4-18 NEF 1 3/8-18 NEF 1 5/8-18 NEF 2 5/16-16 UNS 2.8 3.2 3.2 3.2 4.0 4.0 4.0 4.0 4.0 4.0 4.0 14.2 14.2 14.2 19.0 19.0 19.0 19.0 20.6 20.6 22.2 22.2 18.2 24.6 27.4 27.4 30.8 34.2 37.4 40.9 46.7 53.4 59.6 10SL 14S 16S 16 18 20 22 24 28 32 36 V M K A Thread in inches 40 65.5 4.0 22.2 1 7/8-16UN 2 1/16-16UN AMPHENOL |