| データシートサーチシステム |
|
MS-101003 データシート(PDF) 25 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
MS-101003 データシート(HTML) 25 Page - Amphenol Corporation |
|
25 / 40 page ![]() 23 Back Box Mounting Receptacle MOUNTING HOLES 4.39 DIA. FOR SIZE 32 , 36 AND 40 3.73 DIA. FOR SIZE 24 AND 28 3.05 DIA. FOR ALL OTHER SIZES V K M MS And 97B Series V Q Shell Types Straight plug 97B-3106 97B-4106 18.2 18.2 18.2 21.5 23.05 23.05 23.05 23.05 24.05 24.05 24.05 All dimensions are in mm Connector Size 2.8 3.2 3.2 3.2 4.0 4.0 4.0 4.0 4.0 4.0 4.0 18.2 23.0 24.6 24.6 27.0 29.4 31.8 34.9 39.7 44.5 49.2 25.4 30.0 32.5 32.5 35.0 38.0 41.0 44.5 50.8 57.0 63.5 5/8-24 NEF 3/4-20 UNEF 7/8-20 UNEF 7/8-20 UNEF 1-20 UNEF 1 1/8-24 NS 1 1/4-18 NEF 1 3/8-18 NEF 1 5/8-18 NEF 18.2 24.6 27.4 27.4 30.8 34.2 37.4 40.9 46.7 53.4 59.6 10SL 14S 16S 16 18 20 22 24 28 32 36 A K M R S V Thread in inches 40 65.5 4.0 24.05 55.5 69.85 2 5/16-16 UN-2A 1 7/8-16UN 2 1/16-16UN All dimensions are in mm Connector Size 10SL 14S 16S 16 18 20 22 24 28 32 36 5/8-24 NEF 3/4-20 UNEF 7/8-20 UNEF 7/8-20 UNEF 1-20 UNEF 1 1/8-18 NS 1 1/4-18 NEF 1 3/8-18 NEF 1 5/8-18 NEF 2 5/16-16 UN V Thread in inches 22.8 29.2 32.0 32.0 36.5 39.9 43.1 46.6 53.4 60.1 66.3 69.10 Q max 40 1 7/8-16UN 2 1/16-16UN R S L REF. 27.60 33.81 35.71 37.31 97B-3103X* / 97B-4103X* 97B-3103 / 97B-4103 * Replace X with Required Class ‘L’ AMPHENOL |