| データシートサーチシステム |
|
MS-101006 データシート(PDF) 28 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
MS-101006 データシート(HTML) 28 Page - Amphenol Corporation |
|
28 / 40 page ![]() 26 Q L V A Q L A Back Accessories Solid backshell without grommet and sleeve Class A Solid Backshell With Grommet & Sleeve Class R All dimensions are in mm Connector Size 47 48 47 --- 55 --- 47 48 55 --- 47 48 55 56 57 57 57 57 57 57 57 57 57 57 58.25 60 58.25 58.25 60 60 21.50 5/8-24 NEF 20.35 20.35 23.40 23.40 11/16-24 NEF 11/16-24 NEF 26.71 7/8-20 UNEF 3/4-20 UNEF 3/4-20 UNEF 7/8-20 UNEF 26.71 29.50 35.70 1-20 UNEF 35.85 1 1/8-18 NS 44.40 1 1/4-18 NEF 1 3/8-18 NEF 45.08 1 5/8-18 NEF 52.36 56.81 64.50 2 5/16-16 UN 10SL 12S 14S 14 12 16S 16 18 20 22 24 28 32 36 A Thread L max for MS L max for 97B Q max class 2B in inches All dimensions are in mm Connector Size 32.54 37.60 19.05 37.31 --- 19.84 46.83 --- 19.84 36.51 37.64 22.22 46.83 --- 22.22 37.70 38.83 25.40 48.02 48.00 25.40 50.80 51.58 28.57 53.97 54.75 31.75 53.97 54.75 34.92 57.15 57.94 38.10 57.15 57.94 44.45 59.0 59.78 51.75 60.32 71.80 61.13 80.00 57.15 63.50 5/8-24 UNEF 5/8-24 UNEF 5/8-24 UNEF 3/4-20 UNEF 3/4-20 UNEF 7/8-20 UNEF 7/8-20 UNEF 1-20 UNEF 1 3/16-18 UNEF 1 3/16-18 UNEF 1 7/16-18 UNEF 1 7/16-18 UNEF 1 3/4-18 UNS 2-18 UNS 2 1/4 - 16 UN 10SL 12S 14S 14 12 16S 16 18 20 22 24 28 32 36 L max for MS L max for 97B Q max V Thread in inches 5/8-24 NEF 11/16-24 NEF 11/16-24 NEF 7/8-20 UNEF 3/4-20 UNEF 3/4-20 UNEF 7/8-20 UNEF 1-20 UNEF 1 1/8-18 NS 1 1/4-18 NEF 1 3/8-18 NEF 1 5/8-18 NEF 2 5/16-16 UN A Thread in inches Note - Both versions, straight and diamond knurling available on back accessories. For details, contact factory. 40 40 MS And 97B Series For Plug type For Receptacle 1 7/8-16UN 2 1/16-16UN 1 7/8-16UN 2 1/16-16UN AMPHENOL |