| データシートサーチシステム |
|
MS-101006 データシート(PDF) 32 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
MS-101006 データシート(HTML) 32 Page - Amphenol Corporation |
|
32 / 40 page ![]() 30 MS And 97B Series Rubber bushing. Protects wire bundles and unjacketed cables from possible damage by cable clamp. Neoprene Sleeve MS-3420 D F E 450 Part number MS-3420-3 3.30 5.33 9.50 73.02 0.79 MS-3420-4 5.59 7.67 12.70 69.85 MS-3420-6 7.92 10.84 15.59 66.67 MS-3420-8 11.10 14.02 18.77 63.50 MS-3420-10 14.27 15.62 21.94 60.32 MS-3420-12 15.87 18.80 26.23 56.20 MS-3420-16 19.05 23.54 26.39 53.97 MS-3420-20 23.80 31.50 40.41 50.80 MS-3420-24 31.75 34.67 46.79 47.62 A B C D E Rad in inches F Rad in inches All dimensions are in mm 0.79 0.79 1.59 1.59 1.59 1.59 1.59 1.59 0.79 0.79 1.59 1.59 1.59 1.59 1.59 1.59 1.59 Other Accessories Plain flat gasket For MS and 97B flange mounted receptacles All dimensions are in mm Part number MS-101000 10SL 15.90 25.40 4.35 4.35 4.35 4.35 5.15 5.15 5.15 5.15 5.15 5.55 5.55 5.55 27.80 30.15 32.50 34.90 38.10 41.20 44.45 50.80 57.15 63.50 69.85 18.26 20.62 23.01 24.61 27.00 29.36 31.75 34.90 39.70 44.45 49.22 55.77 19.05 22.20 25.40 28.57 31.75 34.90 38.10 44.45 50.80 55.57 61.92 12S & 12 14S & 14 16S & 16 18 20 22 24 28 32 36 40 MS-108686 MS-101001 MS-101002 MS-101003 MS-101004 MS-101005 MS-108687 MS-101007 MS-110831 MS-101006 MS-108688 Shell size A max B C D T 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 B D 4 HOLES O A C O T AMPHENOL |