| データシートサーチシステム |
|
LSM330DLCTR データシート(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM330DLCTR データシート(HTML) 53 Page - STMicroelectronics |
|
53 / 66 page ![]() LSM330DLC Register descriptions Doc ID 022162 Rev 2 53/66 DR<1:0> is used to set ODR selection. BW <1:0> is used to set bandwidth selection. Table 70 below provides all the frequencies resulting from the DR / BW bit combinations. The combination of PD, Zen, Yen, Xen is used to set the device in different modes (Power- down / Normal / Sleep mode) according to the following table: PD Power-down mode enable. Default value: 0 (0: Power-down mode, 1: Normal mode or Sleep mode) Zen Z axis enable. Default value: 1 (0: Z axis disabled; 1: Z axis enabled) Yen Y axis enable. Default value: 1 (0: Y axis disabled; 1: Y axis enabled) Xen X axis enable. Default value: 1 (0: X axis disabled; 1: X axis enabled) Table 70. DR and BW configuration setting DR <1:0> BW <1:0> ODR [Hz] Cut-off 00 00 95 12.5 00 01 95 25 00 10 95 25 00 11 95 25 01 00 190 12.5 01 01 190 25 01 10 190 50 01 11 190 70 10 00 380 20 10 01 380 25 10 10 380 50 10 11 380 100 11 00 760 30 11 01 760 35 11 10 760 50 11 11 760 100 Table 71. Power mode selection configuration Mode PD Zen Yen Xen Power-down 0 - - - Table 69. CTRL_REG1_G description |