データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LSM330DLCTR データシート(PDF) 46 Page - STMicroelectronics

部品番号 LSM330DLCTR
部品情報  iNEMO inertial module: 3D accelerometer and 3D gyroscope
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLCTR データシート(HTML) 46 Page - STMicroelectronics

Back Button LSM330DLCTR Datasheet HTML 42Page - STMicroelectronics LSM330DLCTR Datasheet HTML 43Page - STMicroelectronics LSM330DLCTR Datasheet HTML 44Page - STMicroelectronics LSM330DLCTR Datasheet HTML 45Page - STMicroelectronics LSM330DLCTR Datasheet HTML 46Page - STMicroelectronics LSM330DLCTR Datasheet HTML 47Page - STMicroelectronics LSM330DLCTR Datasheet HTML 48Page - STMicroelectronics LSM330DLCTR Datasheet HTML 49Page - STMicroelectronics LSM330DLCTR Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
Register descriptions
LSM330DLC
46/66
Doc ID 022162 Rev 2
8.9
OUT_X_L_A, OUT_X_H_A
X-axis acceleration data. The value is expressed in two’s complement.
8.10
OUT_Y_L_A, OUT_Y_H_A
Y-axis acceleration data. The value is expressed in two’s complement.
8.11
OUT_Z_L _A, OUT_Z_H_A
Z-axis acceleration data. The value is expressed in two’s complement.
8.12
FIFO_CTRL_REG_A (2Eh)
YOR
Y axis data overrun. Default value: 0
(0: no overrun has occurred;
1: new data for the Y-axis has overwritten the previous data)
XOR
X axis data overrun. Default value: 0
(0: no overrun has occurred;
1: new data for the X-axis has overwritten the previous data)
ZYXDA
X, Y and Z axis new data available. Default value: 0
(0: a new set of data is not yet available; 1: a new set of data is available)
ZDA
Z axis new data available. Default value: 0
(0: new data for the Z-axis is not yet available;
1: new data for the Z-axis is available)
YDA
Y axis new data available. Default value: 0
(0: new data for the Y-axis is not yet available;
1: new data for the Y-axis is available)
Table 36.
STATUS_REG_A register description (continued)
Table 37.
FIFO_CTRL_REG_A register
FM1
FM0
TR
FTH4
FTH3
FTH2
FTH1
FTH0
Table 38.
FIFO_CTRL_REG_A register description
FM1-FM0
FIFO mode selection. Default value: 00 (see Table 39: FIFO mode configuration)
TR
Trigger selection. Default value: 0
0: Trigger event linked to trigger signal on INT1_A
1: Trigger event linked to trigger signal on INT2_A
FTH4:0
Default value: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66