データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZPSD301-B-90UI データシート(PDF) 59 Page - STMicroelectronics

部品番号 ZPSD301-B-90UI
部品情報  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301-B-90UI データシート(HTML) 59 Page - STMicroelectronics

Back Button ZPSD301-B-90UI Datasheet HTML 55Page - STMicroelectronics ZPSD301-B-90UI Datasheet HTML 56Page - STMicroelectronics ZPSD301-B-90UI Datasheet HTML 57Page - STMicroelectronics ZPSD301-B-90UI Datasheet HTML 58Page - STMicroelectronics ZPSD301-B-90UI Datasheet HTML 59Page - STMicroelectronics ZPSD301-B-90UI Datasheet HTML 60Page - STMicroelectronics ZPSD301-B-90UI Datasheet HTML 61Page - STMicroelectronics ZPSD301-B-90UI Datasheet HTML 62Page - STMicroelectronics ZPSD301-B-90UI Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD3XX Family
56
Figure 32. Timing of 16-Bit Non-Multiplexed Address/Data Bus Using RD, WR (PSD3X1)
8
CSI/A19
as CSI
1
32
7
15
32
32
14
6
6
4
32
READ CYCLE
WRITE CYCLE
STABLE INPUT
STABLE INPUT
A0/AD0-
A15/AD15
as A0-A15
STABLE INPUT
STABLE INPUT
Direct (1)
PAD Input
PC0-PC2,
CSI/A19 as
Multiplexed
Inputs
DATA
IN
Active Low
ALE
Active High
ALE
1
3
3
2
2
11
13
12
12A
13
RD/E as RD
WR/VPP or
R/W as WR
DATA VALID
14
10
9
9
PA0-PA7
(Low Byte)
DATA
IN
DATA VALID
17
16
PB0-PB7
(High Byte)
BHE/PSEN
as BHE
36
See referenced notes on page 64.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com