データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZPSD301-B-90UI データシート(PDF) 27 Page - STMicroelectronics

部品番号 ZPSD301-B-90UI
部品情報  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301-B-90UI データシート(HTML) 27 Page - STMicroelectronics

Back Button ZPSD301-B-90UI Datasheet HTML 23Page - STMicroelectronics ZPSD301-B-90UI Datasheet HTML 24Page - STMicroelectronics ZPSD301-B-90UI Datasheet HTML 25Page - STMicroelectronics ZPSD301-B-90UI Datasheet HTML 26Page - STMicroelectronics ZPSD301-B-90UI Datasheet HTML 27Page - STMicroelectronics ZPSD301-B-90UI Datasheet HTML 28Page - STMicroelectronics ZPSD301-B-90UI Datasheet HTML 29Page - STMicroelectronics ZPSD301-B-90UI Datasheet HTML 30Page - STMicroelectronics ZPSD301-B-90UI Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD3XX Family
24
12.0
Control Signals
(cont.)
12.6 Reset Input
This is an asynchronous input to initialize the PSD device.
Refer to tables 8A and 8B for information on device status during and after reset.
The standard-voltage PSD3XX and ZPSD3XX (non-V) devices require a reset input that
is asserted for at least 100 nsec. The PSD will be functional immediately after reset is
de-asserted. For these standard-voltage devices, the polarity of the reset input signal is
programmable using PSDsoft (active-high or active-low), to match the functionality of your
MCU reset.
Note: It is not recommended to drive the reset input of the MCU and the reset input of the
PSD with a simple RC circuit between power on ground. The input threshold of the MCU
and the PSD devices may differ, causing the devices to enter and exit reset at different
times because of slow ramping of the signal. This may result in the PSD not being
operational when accessed by the MCU. It is recommended to drive both devices actively.
A supervisory device or a gate with hysteresis is recommended.
For low-voltage ZPSD3XXV devices only, the reset input must be asserted for at least
500 nsec. The ZPSD3XXV will not be functional for an additional 500 nsec after reset is
de-asserted (see Figure 8). These low voltage ZPSD3XXV devices must use an active-low
polarity signal for reset. Unlike the standard PSDs, the reset polarity for the ZPSD3XXV is
not programmable. If your MCU operates with an active high reset, you must invert this
signal before driving the ZPSD3XXV reset input.
You must design your system to ensure that the PSD comes out of reset and the PSD is
active before the MCU makes its first access to PSD memory. Depending on the
characteristics and speed of your MCU, a delay between the PSD reset and the MCU reset
may be needed.
Signal State Just
Signal State
After Reset
Port
Configured Mode of Operation
During Reset
(Note 1)
AD0/A0-
All
Input (Hi-Z)
MCU address
AD15/A15
and/or data
MCU I/O
Input (Hi-Z)
Input (Hi-Z)
Tracking
Input (Hi-Z)
Active Track
Port Pins
AD0/A0-AD7/A7
Mode
PA0-PA7
PSD3XX,
Logic 0
MCU address
Latched Address Out
ZPSD3XX
ZPSD3XXV
Hi-Z
MCU address
MCU I/O
Input (Hi-Z
Input (Hi-Z)
Chip Select Outputs,
PSD3XX,
Logic 1
Per CS equations
Port Pins
CS0-CS7, CMOS
ZPSD3XX
PB0-PB7
ZPSD3XXV
Hi-Z
Per CS equations
Chip Select Outputs,
PSD3XX,
Hi-Z
Per CS equations
CS0-CS7, Open Drain
ZPSD3XX
ZPSD3XXV
Hi-Z
Per CS equations
Address or Logic Inputs, A16-A18
Input (Hi-Z)
Input (Hi-Z)
Port Pins
Chip Select Outputs,
PSD3XX,
Logic 1
Per CS equations
PC0-PC2
CS8-CS10, CMOS
ZPSD3XX
ZPSD3XXV
Hi-Z
Per CS equations
Table 8A. External PSD Signal States During and Just After Reset
NOTE: 1. Signal is valid immediately after reset for PSD3XX and ZPSD3XX devices. ZPSD3XXV devices need an
additional 500 nsec after reset before signal is valid.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com