| データシートサーチシステム |
|
STM32F405RG データシート(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F405RG データシート(HTML) 16 Page - STMicroelectronics |
|
16 / 185 page ![]() Description STM32F405xx, STM32F407xx 16/185 DocID022152 Rev 4 Figure 2. Compatible board design STM32F10xx/STM32F2xx/STM32F4xx for LQFP100 package Figure 3. Compatible board design between STM32F10xx/STM32F2xx/STM32F4xx for LQFP144 package 20 49 125 26 50 51 75 100 76 73 19 VSS VSS VDD VSS VSS VSS 0 Ω resistor or soldering bridge Ω present for the STM32F10xxx configuration, not present in the STM32F4xx configuration ai18488c 99 (VSS) VSS VDD Two 0 Ω resistors connected to: - VSS for the STM32F10xx - VSS for the STM32F4xx VSS for STM32F10xx VDD for STM32F4xx - VSS, VDD or NC for the STM32F2xx ai18487d 31 71 136 37 72 73 108 144 109 VSS 0 Ω resistor or soldering bridge present for the STM32F10xx configuration, not present in the STM32F4xx configuration 106 VSS 30 Two 0 Ω resistors connected to: - VSS for the STM32F10xx - VDD or signal from external power supply supervisor for the STM32F4xx VSS VDD VSS VSS 143 (PDR_ON) VSS VDD VSS for STM32F10xx VDD for STM32F4xx - VSS, VDD or NC for the STM32F2xx Signal from external power supply supervisor |