データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HSP061-2 データシート(PDF) 5 Page - STMicroelectronics

部品番号 HSP061-2
部品情報  2-line ESD protection for high speed lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP061-2 データシート(HTML) 5 Page - STMicroelectronics

  HSP061-2 Datasheet HTML 1Page - STMicroelectronics HSP061-2 Datasheet HTML 2Page - STMicroelectronics HSP061-2 Datasheet HTML 3Page - STMicroelectronics HSP061-2 Datasheet HTML 4Page - STMicroelectronics HSP061-2 Datasheet HTML 5Page - STMicroelectronics HSP061-2 Datasheet HTML 6Page - STMicroelectronics HSP061-2 Datasheet HTML 7Page - STMicroelectronics HSP061-2 Datasheet HTML 8Page - STMicroelectronics HSP061-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HSP061-2
Package information
Doc ID 022777 Rev 1
5/12
3
Package information
●
Epoxy meets UL94, V0
●
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 3.
SOT-666 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.45
0.60
0.018
0.024
A3
0.08
0.18
0.003
0.007
b
0.17
0.34
0.007
0.013
b1
0.19
0.27
0.34
0.007 0.011 0.013
D
1.50
1.70
0.059
0.067
E
1.50
1.70
0.059
0.067
E1
1.10
1.30
0.043
0.051
e0.50
0.020
L1
0.19
0.007
L2
0.10
0.30
0.004
0.012
L3
0.10
0.004
Figure 11.
Footprint recommendations
dimensions in mm (inches)
Figure 12.
Marking
D
b
L3
L1
e
b1
E1
L2
E
A
A3
0.50
(0.019)
2.60
(0.01)
0.62
(0.024)
0.30
(0.012)
0.99
(0.039)
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12