| データシートサーチシステム |
|
TAS2521 データシート(PDF) 25 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
|
|||||||||||||||||||||||||||||
TAS2521 データシート(HTML) 25 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
25 / 35 page ![]() TAS2521 www.ti.com SLAS687A – FEBRUARY 2013 – REVISED FEBRUARY 2013 5.6.7.5.1 Software Software development for the TAS2521 is supported through TI's comprehensive PurePath™ Studio software development environment, a powerful, easy-to-use tool designed specifically to simplify software development on Texas Instruments miniDSP audio platforms. The graphical development environment consists of a library of common audio functions that can be dragged and dropped into an audio signal flow and graphically connected together. The DSP code can then be assembled from the graphical signal flow with the click of a mouse. See the TAS2521 product folder on www.ti.com to learn more about PurePath Studio and the latest status on available, ready-to-use DSP algorithms. Copyright © 2013, Texas Instruments Incorporated Application Overview 25 Submit Documentation Feedback Product Folder Links: TAS2521 |