| データシートサーチシステム |
|
K2CM-2LS データシート(PDF) 4 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
K2CM-2LS データシート(HTML) 4 Page - Omron Electronics LLC |
|
4 / 16 page ![]() K2CM 4 Connections ■ Voltage Reverse-phase Detection Models Terminal Arrangement • Perform the external connections by referring to the examples given below. • Obtain the control power supply from the same phase as the power supply to the magnet contactor coil. • Connect the phase advancing capacitors closer to the power supply than the current transformer, as shown in the examples. • Tighten the terminal screws to a torque of 0.98 N·m max. (The appropriate tightening torque is 0.49 to 0.67 N·m.) • Use of insulated solderless terminals is recommended for connection to the Relay terminals (M3.5). Note: 1. In principle, the K2CM must be surface mounted with the terminal block facing downward. 2. Use M5 screws with spring washers and flat washers for mounting. Tighten the screws to a torque of 1.77 N·m max. (The appropriate tightening torque is 1.08 to 1.57 N·m.) Manual Operation Low-voltage Circuit Manual Operating Low-voltage Circuit ( Start) Manual Operation Low-voltage Circuit (High- capacity Motor) Automatic Operation Low-voltage Circuit Manual Operation High-voltage Circuit Note: Connect the phase advancing capacitor on the power supply side of the Motor Protective Relay as shown in the above dia- grams. Ta Tc Tb U V W Output contacts (SPDT) Control power supply 200 VAC 50/60Hz RS T Stop Start Phase advancing capacitor Alarm buzzer BZ Magnet contactor R U A 1 S V B 2 T W C 3 Ta Tc Tb U V W Motor protective relay Motor M RS T BZ R U A 1 S V B 2 T W C 3 Ta Tc Tb U V W M changeover 200 VAC 50/60Hz Stop Start Phase advancing capacitor Alarm buzzer Magnet contactor Motor protective relay RS T Current converter for measuring device @/5A BZ R U A 1 S V B 2 T W C 3 Ta Tc Tb U V W Motor M 200 VAC 50/60Hz Stop Start Phase advancing capacitor Alarm buzzer Magnet contactor Motor protective relay RS T Automatic contact BZ R U A 1 S V B 2 T W C 3 Ta Tc Tb U V W M Motor 200 VAC 50/60Hz Phase advancing capacitor Alarm buzzer Magnet contactor Motor protective relay 3, 300 VAC 50/60Hz RS T X/a Auxiliary relay BZ R U A 1 S V B 2 T W C 3 Ta Tc Tb U V W High-voltage motor M X Transformer @/200V High-tension fuse Current converter for measuring device @/5A Stop Start Phase advancing capacitor Alarm buzzer High-voltage magnet contactor Motor protective relay |