| データシートサーチシステム |
|
K2CM-2LS データシート(PDF) 5 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
K2CM-2LS データシート(HTML) 5 Page - Omron Electronics LLC |
|
5 / 16 page ![]() K2CM 5 ■ Current Reverse-phase Detection Models Terminal Arrangement • Perform the external connections by referring to the examples given below. • Connect the phase advancing capacitors closer to the power supply than the current transformer as shown in the examples. • Tighten the terminal screws to a torque of 0.98 N·m max. (The appropriate tightening torque is 0.49 to 0.67 N·m.) • Use of insulated solderless terminals is recommended for connection to the Relay terminals (M3.5). Note: 1. In principle, the K2CM must be surface mounted with the terminal block facing downward. 2. Use M5 screws with spring washers and flat washers for mounting. Tighten the screws to a torque of 1.77 N·m max. (The appropriate tightening torque is 1.08 to 1.57 N·m.) Manual Operation Low-voltage Circuit Manual Operating Low-voltage Circuit ( Start) Note: Connect the phase advancing capacitor on the power supply side of the Motor Protective Relay as shown in the above diagrams. Manual Operation Low-voltage Circuit (High- capacity Motor) Automatic Operation Low-voltage Circuit Manual Operation High-voltage Circuit S1 C2 b2 a1 c1 S2 Output contacts (NO and NC) Control power supply RS T BZ R U A 1 S V B 2 T W C 3 a1 c1 b2 c2 s1 s2 M 200 VAC 50/60Hz Stop Start Phase advancing capacitor Alarm buzzer Magnet contactor Motor protective relay Motor RS T BZ R U A 1 S V B 2 T W C 3 a1 c1 b2 c2 s1 s2 M changeover 200 VAC 50/60Hz Stop Start Phase advancing capacitor Alarm buzzer Magnet contactor Motor protective relay RS T BZ R U A 1 S V B 2 T W C 3 a1 c1 b2 c2 s1 s2 M Current converter for measuring device @/5A Motor 200 VAC 50/60Hz Stop Start Phase advancing capacitor Alarm buzzer Magnet contactor Motor protective relay RS T BZ R U A 1 S V B 2 T W C 3 M a1 c1 b2 c2 s1 s2 Automatic contact Motor 200 VAC 50/60Hz Phase advancing capacitor Alarm buzzer Magnet contactor Motor protective relay RS T X/a BZ R U A 1 S V B 2 T W C 3 M Transformer @/100V a1 c1 b2 c2 s1 s2 X 3,300 VAC 50/60Hz Auxiliary relay High-voltage motor High-tension fuse Current converter for measuring device @/5A Stop Start Phase advancing capacitor Alarm buzzer High-voltage magnet contactor Motor protective relay |