| データシートサーチシステム |
|
S29GL01GS データシート(PDF) 30 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29GL01GS データシート(HTML) 30 Page - SPANSION |
|
30 / 104 page ![]() 30 GL-S MirrorBit® Family S29GL_128S_01GS_00_07 December 21, 2012 Da ta Sh e e t Figure 5.3 Write Buffer Programming Operation with Status Register Notes: 1. See Table 6.1, Command Definitions on page 57 for the command sequence as required for Write Buffer Programming. 2. When Sector Address is specified, any address in the selected sector is acceptable. However, when loading Write-Buffer address locations with data, all addresses MUST fall within the selected Write-Buffer Page. Write “Write to Buffer” command Sector Address Write “Word Count” to program - 1 (WC) Sector Address Write Starting Address/Data WC = 0? ABORT Write to Buffer Operation? Write to a different Sector Address Write to Buffer ABORTED. Must write “Write-to-Buffer ABORT RESET” command sequence to return to READ mode. Write next Address/Data pair WC = WC - 1 Write Program Buffer to Flash Confirm, Sector Address Read Status Register DRB SR[7] = 0? WBASB SR[3] = 1? PSB SR[4] = 0? Program Fail Program Successful No Yes (Note 2) No No No Yes Yes Yes No Yes Program aborted during Write to Buffer command SLSB SR[1] = 0? No Yes Sector Locked Error Program Fail |