| データシートサーチシステム |
|
S29GL01GS データシート(PDF) 72 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29GL01GS データシート(HTML) 72 Page - SPANSION |
|
72 / 104 page ![]() 72 GL-S MirrorBit® Family S29GL_128S_01GS_00_07 December 21, 2012 Da ta Sh e e t Note: 1. Not 100% tested. Figure 9.1 Power-up Figure 9.2 Power-down and Voltage Drop Table 9.2 Power-Up/Power-Down Voltage and Timing Symbol Parameter Min Max Unit VCC VCC Power Supply 2.7 3.6 V VLKO VCC level below which re-initialization is required (Note 1) 2.25 2.5 V VRST VCC and VIO Low voltage needed to ensure initialization will occur (Note 1) 1.0 V tVCS VCC and VIO ≥ minimum to first access (Note 1) 300 µs tPD Duration of VCC ≤ VRST(min) (Note 1) 15 µs Vcc (m a x) Vcc (m in ) Po w e r Su p p ly V o ltage tim e tVCS F u ll D e vice A cce ss Vcc V IO (m in) V IO (m a x) V IO V CC (m a x) V CC (m in ) V CC and V IO tim e V RST (m in ) tPD tVCS N o D e vice A cce ss A llo w e d F u ll D e vice A cce ss Allo w e d V LKO (m a x) |