| データシートサーチシステム |
|
PIC16F87 データシート(PDF) 154 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F87 データシート(HTML) 154 Page - Microchip Technology |
|
154 / 230 page ![]() PIC16F87/88 DS30487D-page 154 2002-2013 Microchip Technology Inc. IORLW Inclusive OR Literal with W Syntax: [ label ] IORLW k Operands: 0 k 255 Operation: (W) .OR. k (W) Status Affected: Z Description: The contents of the W register are OR’ed with the eight-bit literal ‘k’. The result is placed in the W register. IORWF Inclusive OR W with f Syntax: [ label ] IORWF f,d Operands: 0 f 127 d [0,1] Operation: (W) .OR. (f) (destination) Status Affected: Z Description: Inclusive OR the W register with register ‘f’. If ‘d’ = 0, the result is placed in the W register. If ‘d’ = 1, the result is placed back in register ‘f’. MOVF Move f Syntax: [ label ] MOVF f,d Operands: 0 f 127 d [0,1] Operation: (f) (destination) Status Affected: Z Description: The contents of register ‘f’ are moved to a destination dependant upon the status of ‘d’. If ‘d’ = 0, the destination is W register. If ‘d’ = 1, the destination is file register ‘f’ itself. ‘d’ = 1 is useful to test a file register, since status flag Z is affected. MOVLW Move Literal to W Syntax: [ label ] MOVLW k Operands: 0 k 255 Operation: k (W) Status Affected: None Description: The eight-bit literal ‘k’ is loaded into W register. The don’t cares will assemble as ‘0’s. MOVWF Move W to f Syntax: [ label ] MOVWF f Operands: 0 f 127 Operation: (W) (f) Status Affected: None Description: Move data from W register to register ‘f’. NOP No Operation Syntax: [ label ] NOP Operands: None Operation: No operation Status Affected: None Description: No operation. |