| データシートサーチシステム |
|
PIC16F87 データシート(PDF) 156 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F87 データシート(HTML) 156 Page - Microchip Technology |
|
156 / 230 page ![]() PIC16F87/88 DS30487D-page 156 2002-2013 Microchip Technology Inc. SUBLW Subtract W from Literal Syntax: [ label ] SUBLW k Operands: 0 k 255 Operation: k – (W) W) Status Affected: C, DC, Z Description: The W register is subtracted (two’s complement method) from the eight-bit literal ‘k’. The result is placed in the W register. SUBWF Subtract W from f Syntax: [ label ] SUBWF f,d Operands: 0 f 127 d [0,1] Operation: (f) – (W) destination) Status Affected: C, DC, Z Description: Subtract (two’s complement method) W register from register ‘f’. If ‘d’ = 0, the result is stored in the W register. If ‘d’ = 1, the result is stored back in register ‘f’. SWAPF Swap Nibbles in f Syntax: [ label ] SWAPF f,d Operands: 0 f 127 d [0,1] Operation: (f<3:0>) (destination<7:4>), (f<7:4>) (destination<3:0>) Status Affected: None Description: The upper and lower nibbles of register ‘f’ are exchanged. If ‘d’ = 0, the result is placed in W register. If ‘d’ = 1, the result is placed in register ‘f’. XORLW Exclusive OR Literal with W Syntax: [ label ]XORLW k Operands: 0 k 255 Operation: (W) .XOR. k W) Status Affected: Z Description: The contents of the W register are XOR’ed with the eight-bit literal ‘k’. The result is placed in the W register. XORWF Exclusive OR W with f Syntax: [ label ] XORWF f,d Operands: 0 f 127 d [0,1] Operation: (W) .XOR. (f) destination) Status Affected: Z Description: Exclusive OR the contents of the W register with register ‘f’. If ‘d’ = 0, the result is stored in the W register. If ‘d’ = 1, the result is stored back in register ‘f’. |