データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP6H81 データシート(PDF) 5 Page - Microchip Technology

部品番号 MCP6H81
部品情報  5.5 MHz, 12V Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6H81 データシート(HTML) 5 Page - Microchip Technology

  MCP6H81_12 Datasheet HTML 1Page - Microchip Technology MCP6H81_12 Datasheet HTML 2Page - Microchip Technology MCP6H81_12 Datasheet HTML 3Page - Microchip Technology MCP6H81_12 Datasheet HTML 4Page - Microchip Technology MCP6H81_12 Datasheet HTML 5Page - Microchip Technology MCP6H81_12 Datasheet HTML 6Page - Microchip Technology MCP6H81_12 Datasheet HTML 7Page - Microchip Technology MCP6H81_12 Datasheet HTML 8Page - Microchip Technology MCP6H81_12 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
 2012 Microchip Technology Inc.
DS22320B-page 5
MCP6H81/2/4
1.2
Test Circuits
The circuit used for most DC and AC tests is shown in
Figure 1-1. This circuit can independently set VCM and
VOUT (refer to Equation 1-1). Note that VCM is not the
circuit’s common mode voltage ((VP +VM)/2), and that
VOST includes VOS plus the effects (on the input offset
error, VOST) of temperature, CMRR, PSRR and AOL.
EQUATION 1-1:
FIGURE 1-1:
AC and DC Test Circuit for
Most Specifications.
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, VDD = +3.5V to +12V and VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Operating Temperature Range
TA
-40
+125
°C
Note 1
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance, 8L-SOIC
JA
—149.5
°C/W
Thermal Resistance, 8L-2x3 TDFN
JA
—52.5
°C/W
Thermal Resistance, 14L-SOIC
JA
—95.3
°C/W
Thermal Resistance, 14L-TSSOP
JA
100
°C/W
Note 1: The internal junction temperature (TJ) must not exceed the absolute maximum specification of +150°C.
G
DM
R
F RG
=
V
CM
V
P
V
DD 2
+
 2
=
V
OUT
V
DD 2

V
P
V
M
 V
OST
1G
DM
+

++
=
Where:
GDM = Differential Mode Gain
(V/V)
VCM = Op Amp’s Common Mode
Input Voltage
(V)
VOST = Op Amp’s Total Input Offset
Voltage
(mV)
V
OST
V
IN –
V
IN+
=
VDD
RG
RF
VOUT
VM
CB2
CL
RL
VL
CB1
100 k
100 k
RG
RF
VDD/2
VP
100 k
100 k
60 pF
10 k
1µF
100 nF
VIN–
VIN+
CF
6.8 pF
CF
6.8 pF
MCP6H8X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com