| データシートサーチシステム |
|
STM32F407IGH6 データシート(PDF) 91 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F407IGH6 データシート(HTML) 91 Page - STMicroelectronics |
|
91 / 185 page ![]() DocID022152 Rev 4 91/185 STM32F405xx, STM32F407xx Electrical characteristics supply voltage to supply the I/O pin circuitry and to charge/discharge the capacitive load (internal or external) connected to the pin: where ISW is the current sunk by a switching I/O to charge/discharge the capacitive load VDD is the MCU supply voltage fSW is the I/O switching frequency C is the total capacitance seen by the I/O pin: C = CINT+ CEXT The test pin is configured in push-pull output mode and is toggled by software at a fixed frequency. ISW VDD fSW C × × = |