データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPBT2532C2.AT2 データシート(PDF) 18 Page - STMicroelectronics

部品番号 SPBT2532C2.AT2
部品情報  Bluetooth V2.1 EDR module class 2 embedding SPP and AT commands
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT2 データシート(HTML) 18 Page - STMicroelectronics

Back Button SPBT2532C2.AT2 Datasheet HTML 14Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 15Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 16Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 17Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 18Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 19Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 20Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 21Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Hardware design
SPBT2532C2.AT2
18/27
Doc ID 023461 Rev 1
Figure 6.
Soldering profile
7.2
GPIO interface
All GPIOs are capable of sinking and sourcing 4 mA of I/O current. GPIO [1] is internally
pulled down with 100 k
Ω (nominal) resistors.
7.3
UART interface
The UART is compatible with the 16550 industry standard. Four signals are provided with
the UART interface. The TXD and RXD pins are used for data while the CTS and RTS pins
are used for flow control.
Figure 7.
Connection to host device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27